Electronic Components Datasheet Search
  English  ▼

X  

M66592FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66592FP Datasheet HTML 9Page - Renesas Technology Corp M66592FP Datasheet HTML 10Page - Renesas Technology Corp M66592FP Datasheet HTML 11Page - Renesas Technology Corp M66592FP Datasheet HTML 12Page - Renesas Technology Corp M66592FP Datasheet HTML 13Page - Renesas Technology Corp M66592FP Datasheet HTML 14Page - Renesas Technology Corp M66592FP Datasheet HTML 15Page - Renesas Technology Corp M66592FP Datasheet HTML 16Page - Renesas Technology Corp M66592FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 11 of 125
1.7.3
USB data transfers
The controller is capable of all types of transfers: USB communication control transfers, bulk transfers, and
interrupt transfers, as well as isochronous data transfers. The pipes noted below can be used with data transfers for
various types of communication.
(1) Dedicated control transfer pipe
(2) Two dedicated interrupt transfer pipes
(3) Three dedicated bulk transfer pipes
(4) Two pipes for which bulk transfers or isochronous transfers can be selected
The settings necessary for USB transfers, such as the transfer type, end point number, and maximum packet size,
should be set for each pipe, in conjunction with the user system.
Also, the controller has a built-in 5 kB buffer memory. For a dedicated bulk transfer pipe and the pipes for which
bulk transfers or isochronous transfers can be selected, settings such as the buffer memory assignment and buffer
operation mode which are based on the user system should be entered. The buffer operation mode setting can be set
to enable high-speed data transfers with few interrupts, using the double-buffer configuration and data packet
continuous transfer function.
Access to the buffer memory from the control CPU of the user’s system and the DMA controller is done through the
three FIFO port registers.
1.7.4
DMA interface
The DMA (Direct Memory Access) interface consists of data transfers between the user system and the controller
using the DxFIFO port, and is a type of data transfer in which the CPU is not involved. The controller is equipped
with a 2-channel DMA interface and has the following functions.
(1) A transfer end notification function using the Transfer End signal (DEND signal)
(2) An auto-clear function activated when a Zero-Length packet is received
(3) A “send addition” function used to send a Zero-Length packet based on input of the Transfer End signal (DEND
signal)
(4) A transfer end function using a transaction counter function
The controller supports the two types of DMA interfaces noted below.
(1) Cycle steal transfer
With this type of transfer, the DREQ pin is repeatedly asserted and negated each time a data transfer (1 byte /
1 word) is carried out.
(2) Burst transfer
With this type of transfer, the DREQ pin remains asserted for the pipe buffer area assigned to the pertinent
FIFO port, or until the transfer is ended by the DEND signal, without ever being negated.
Also, the following can be selected as the DMA interface handshake signal (pin): CS_N, RD_N, or WR_N, or
DACK_N. With DMA transfers using a split bus, high-speed DMA transfers are possible by changing the data setup
timing, by operating the OBUS bit of the DMAxCFG register.
1.7.5
SOF pulse output function
An SOF pulse output function is provided that notifies the system of the timing at which SOF packets are received.
This function outputs pulses at fairly regular intervals, using an SOF interpolation timer, even if an SOF packet is
damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com