Electronic Components Datasheet Search
  English  ▼

X  

MK1413 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MK1413
Description  MPEG AUDIO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1413 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MK1413 Datasheet HTML 1Page - Renesas Technology Corp MK1413 Datasheet HTML 2Page - Renesas Technology Corp MK1413 Datasheet HTML 3Page - Renesas Technology Corp MK1413 Datasheet HTML 4Page - Renesas Technology Corp MK1413 Datasheet HTML 5Page - Renesas Technology Corp MK1413 Datasheet HTML 6Page - Renesas Technology Corp MK1413 Datasheet HTML 7Page - Renesas Technology Corp MK1413 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MK1413
MPEG AUDIO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ MPEG AUDIO CLOCK SOURCE
4
MK1413
REV G 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK1413. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 5.0 V ±10%, Ambient Temperature 0 to +70
° C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature (max of 10 seconds)
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage
VIH
input clock only
(VDD/2)+1
VDD/2
V
Input Low Voltage
VIL
input clock only
VDD/2
(VDD/2)-1
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
Supply Current
IDD
5 V, no Load
12
mA
Supply Current
IDD
3.3 V, no Load
7
mA
Input Capacitance
CIN
S0, S1 pins
7
pF
Synthesize Frequency Error
With exact
crystal
25
ppm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com