Electronic Components Datasheet Search
  English  ▼

X  

MK1413 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MK1413
Description  MPEG AUDIO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1413 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MK1413 Datasheet HTML 1Page - Renesas Technology Corp MK1413 Datasheet HTML 2Page - Renesas Technology Corp MK1413 Datasheet HTML 3Page - Renesas Technology Corp MK1413 Datasheet HTML 4Page - Renesas Technology Corp MK1413 Datasheet HTML 5Page - Renesas Technology Corp MK1413 Datasheet HTML 6Page - Renesas Technology Corp MK1413 Datasheet HTML 7Page - Renesas Technology Corp MK1413 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
MPEG AUDIO CLOCK SOURCE
MK1413
IDT™ / ICS™ MPEG AUDIO CLOCK SOURCE
1
MK1413
REV G 051310
Description
The MK1413 is the ideal way to generate clocks for MPEG
audio devices in computers. The device uses IDT’s
proprietary mixture of analog and digital Phase-Locked
Loop (PLL) technology to synthesize one of four frequencies
from the 14.31818 MHz reference. In an 8-pin SOIC, the
MK1413 can save component count, board space, and cost
over crystals and oscillators, and increase reliability by
eliminating three expensive mechanical devices from the
board.
IDT offers many other clocks for computers and computer
peripherals. Consult IDT when you need to remove crystals
and oscillators from your board.
Features
• Packaged in 8-pin SOIC
• Pb (lead) free package
• Input crystal or clock frequency of 14.31818 MHz
• Provides master MPEG clocks for 32 kHz, 44.1 kHz, and
48 kHz sampling rates
• Output clock frequencies of 8.192 MHz, 11.2896 MHz,
12.288 MHz, and 16.9344 MHz
• Low jitter
• 25 mA drive capability at TTL levels (at 5.0 V)
• 3.3 V or 5.0 V (±10%) supply voltage
• Advanced, low-power CMOS process
Block Diagram
CLK
Clock
Synthesis
and Control
Circuitry
14.31818 MHz
crystal or clock
input
VDD
Crystal
Buffer/
Crystal
Oscillator
S1:0
2
X1
X2
GND
Optional crystal load capacitors
(see page 3 for details)


Similar Part No. - MK1413

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK1413S ICST-MK1413S Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK1413STR ICST-MK1413STR Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
More results

Similar Description - MK1413

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
DVD/MPEG CLOCK SOURCE
051310
MK2746 RENESAS-MK2746 Datasheet
350Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com