Electronic Components Datasheet Search
  English  ▼

X  

AH1925 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH1925
Description  ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1925 Datasheet(HTML) 6 Page - Diodes Incorporated

  AH1925 Datasheet HTML 1Page - Diodes Incorporated AH1925 Datasheet HTML 2Page - Diodes Incorporated AH1925 Datasheet HTML 3Page - Diodes Incorporated AH1925 Datasheet HTML 4Page - Diodes Incorporated AH1925 Datasheet HTML 5Page - Diodes Incorporated AH1925 Datasheet HTML 6Page - Diodes Incorporated AH1925 Datasheet HTML 7Page - Diodes Incorporated AH1925 Datasheet HTML 8Page - Diodes Incorporated AH1925 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH1925
Document number: DS42243 Rev. 1 - 2
6 of 9
www.diodes.com
September 2019
© Diodes Incorporated
AH1925
Ordering Information
AH1925 - X - X
Packing
7 : 7'' Tape & Reel
Product Name
Package
HK4 : X2-DFN1410-4
Part Number
Package Code
Package Name
7” Tape and Reel
Quantity
Part Number Suffix
AH1925-HK4-7
HK4
X2-DFN1410-4
4000/Tape & Reel
-7
Marking Information
(1)
Package Type: X2-DFN1410-4
( Top View )
X X
Pin 1 Indicator
Y : Year : 0~9
X : Internal Code
XX : Identification Code
W : Week : A~Z : 1~26 Week;
a~z : 27~52 Week; z Represents
52 and 53 Week
Y W X
Part Number
Package
Identification Code
AH1925-HK4-7
X2-DFN1410-4
FU



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com