Electronic Components Datasheet Search
  English  ▼

X  

AH1925 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1925
Description  ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1925 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1925 Datasheet HTML 1Page - Diodes Incorporated AH1925 Datasheet HTML 2Page - Diodes Incorporated AH1925 Datasheet HTML 3Page - Diodes Incorporated AH1925 Datasheet HTML 4Page - Diodes Incorporated AH1925 Datasheet HTML 5Page - Diodes Incorporated AH1925 Datasheet HTML 6Page - Diodes Incorporated AH1925 Datasheet HTML 7Page - Diodes Incorporated AH1925 Datasheet HTML 8Page - Diodes Incorporated AH1925 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH1925
Document number: DS42243 Rev. 1 - 2
1 of 9
www.diodes.com
September 2019
© Diodes Incorporated
AH1925
ULTRA-LOW POWER DIGITAL OMNIPOLAR
HALL EFFECT SWITCH
Description
The AH1925 is an ultra-low power digital and high sensitivity
omnipolar Hall effect switch IC from Diodes Incorporated
’s broad Hall
Effect switches family. The sensitive device is designed to meet a
wide range of potential applications with low power requirements
including battery-operated equipment, the average supply current is
only 1.4
μA at 1.85V. To support portable equipment the AH1925 can
operate over the supply range of 1.6V to 3.6V and uses a hibernating
clocking system to minimize the power consumption. The high ESD
level up to 8kV helps to improve the system robustness. To minimize
PCB space the AH1925 is available in small low profile X2-DFN1410-
4 package.
The single open-drain output can switch on with either a north or
south pole of sufficient strength. When the magnetic flux density (B)
perpendicular to the package is larger than operate point (BOP) the
output is switched on (pulled low). The output is turned off when
B becomes lower than the release point (BRP).
Features
Omnipolar Operation (North or South Pole)
Supply Voltage of 1.6V to 3.6V
Micropower Operation
Chopper Stabilized Design Provides:
Superior Temperature Stability
Minimal Switch Point Drift
Enhanced Immunity to Physical Stress
AH1925 is Open-Drain Output
-40°C to +85°C Operating Temperature
High ESD Capability of 8kV (Human Body Model)
Small Low Profile, X2-DFN1410-4 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
3
1
2
VDD
OUTPUT
GND
4
NC
X2-DFN1410-4
Applications
Smart Cover or Dock Detect for Cellular Phones and Tablet PCs
Gas or Water Consumption Measurement in Remote, Battery-
Operated Utility Meters
Medical Devices, IoT Systems
Level, Proximity and Position Switches
E-Locks, Smoke Detectors, Appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information
about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AH1925

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1921 DIODES-AH1921 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1921-W-7 DIODES-AH1921-W-7 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
More results

Similar Description - AH1925

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH253 TSC-TSH253 Datasheet
404Kb / 8P
High Sensitivity Omni-Polar Hall Effect Switch
TSH248 TSC-TSH248 Datasheet
209Kb / 8P
Micropower Omni-Polar Hall Effect Switch
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
logo
Texas Instruments
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com