Electronic Components Datasheet Search
  English  ▼

X  

AP1522 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1522
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1522 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1522 Datasheet HTML 2Page - Diodes Incorporated AP1522 Datasheet HTML 3Page - Diodes Incorporated AP1522 Datasheet HTML 4Page - Diodes Incorporated AP1522 Datasheet HTML 5Page - Diodes Incorporated AP1522 Datasheet HTML 6Page - Diodes Incorporated AP1522 Datasheet HTML 7Page - Diodes Incorporated AP1522 Datasheet HTML 8Page - Diodes Incorporated AP1522 Datasheet HTML 9Page - Diodes Incorporated AP1522 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP1522
STEP-UP DC/DC CONVERTER
AP1522 Rev. 4 - 4
8 of 10
December 2017
www.diodes.com
© Diodes Incorporated
PART OBSOLETE
NO ALTERNATE PART
Frequency vs. Supply Voltage
Vout = 15V
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
Supply Voltage (V)
Package Diagrams (All Dimensions in mm)
(1) SOT25
0.10/0.20 Typ 0.15
0.013/0.10
Typ 0.05
0.35/0.55
Typ 0.40
Typ
0.95
2.70/3.00
Typ 2.80
2.90/3.10
Typ 3.00
1.00/1.30
Typ 1.10
Typ
0.55
TOP VIEW
Typical Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com