Electronic Components Datasheet Search
  English  ▼

X  

AP1522 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1522
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1522 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1522 Datasheet HTML 1Page - Diodes Incorporated AP1522 Datasheet HTML 2Page - Diodes Incorporated AP1522 Datasheet HTML 3Page - Diodes Incorporated AP1522 Datasheet HTML 4Page - Diodes Incorporated AP1522 Datasheet HTML 5Page - Diodes Incorporated AP1522 Datasheet HTML 6Page - Diodes Incorporated AP1522 Datasheet HTML 7Page - Diodes Incorporated AP1522 Datasheet HTML 8Page - Diodes Incorporated AP1522 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1522
STEP-UP DC/DC CONVERTER
AP1522 Rev. 4 - 4
2 of 10
December 2017
www.diodes.com
© Diodes Incorporated
PART OBSOLETE
NO ALTERNATE PART
Block Diagram
1MHz
Oscillator
RAMP
Generator
Σ
-
+
V
REF
1.25V
V
IN
5
3
FB
R
C
C
C
Comparator
A2
R
S
Q
A1
1
Driver
SW
Q1
2 GND
4
SHDN
Shutdown
Pin Assignments
Pin Descriptions
Name
Description
SW
Switch Pin. Connect inductor/diode
here. Minimize trace area at this pin
to reduce EMI.
VSS
GND pin
FB
Feedback Pin. Reference voltage is
1.25V.
SHDN
Shutdown Pin. Tie to 0.6V or higher
to enable device; 0.5V or less to
disable device.
VIN
Input Supply Pin. Must be locally
bypassed.
VIN
SHDN
SW VSS
FB
Top View
SOT25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com