Electronic Components Datasheet Search
  English  ▼

X  

AP1684A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1684A
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1684A Datasheet HTML 5Page - Diodes Incorporated AP1684A Datasheet HTML 6Page - Diodes Incorporated AP1684A Datasheet HTML 7Page - Diodes Incorporated AP1684A Datasheet HTML 8Page - Diodes Incorporated AP1684A Datasheet HTML 9Page - Diodes Incorporated AP1684A Datasheet HTML 10Page - Diodes Incorporated AP1684A Datasheet HTML 11Page - Diodes Incorporated AP1684A Datasheet HTML 12Page - Diodes Incorporated AP1684A Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP1684A
Document number: DS37095 Rev. 1 - 2
9 of 13
www.diodes.com
August 2014
© Diodes Incorporated
AP1684A
A Product Line of
Diodes Incorporated
Application Information (Cont.)
Valley on Control Method
The valley on function can provide low turn-on switching losses for buck converter. The voltage across the drain and source of the power mosfet is
reflected by the auxiliary winding of the buck transformer. The voltage is sensed by the FB pin.
0.1V
1µs
Valley
FB
Figure 2. Valley on Control
According to Figure 2, when the falling edge of 0.1V is sensed by the FB pin, the AP1684A will see the tOFF time is over and delay 1µs to start a
new operating cycle. In this way we can realize valley on function.
Fault Protection
Over Voltage Protection and Output Open Protection
VCC
FB
R5
R6
AP1684A
Figure 3. OVP Circuit
The output voltage is sensed by the auxiliary winding voltage of the buck transformer, the VCC pin and FB pin provide over voltage protection
function. When the output is open or large transient happens, the output voltage will exceed the rated value. When the voltage of VCC cap exceeds
Vcc_ovp or VFB_CV, the over voltage is triggered and the IC will discharge VCC. When the VCC is below the UVLO threshold voltage, the IC will start
a new work cycle and the VCC cap is charged again by start resistance. If the over voltage condition still exists, the system will work in hiccup
mode.
Output Short Protection
When the output is shorted, the output voltage will be clamped at 0. At this condition, VCC will drop down without auxiliary winding for power supply.
And the VCC will drop to UVLO threshold voltage, the IC will shut down and restart a new operating cycle, and the VCC is charged by startup
resistance. When the VCC is higher than Vcc_start voltage, the IC will output a bunch of pulse to control power mosfet on and off, which will
consume the energy stored in the VCC cap, because of no VCC supply from the auxiliary winding, the VCC will drop down to VCC UVLO threshold
voltage again. If output short condition still exists, the system will operate in hiccup mode.
Over Temperature Protection
The AP1684A has two kinds of over temperature protection processes. First, the system is operating normally, the ambient temperature is
changed to +170°C suddenly, the IC will trigger over temperature protection which leads to a latch work mode. Second, if the system starts, the
over temperature protection will be triggered when the ambient temperature is higher than +150°C. So the AP1684A can startup successfully
when the ambient temperature is less than +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com