Electronic Components Datasheet Search
  English  ▼

X  

AP1684A Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1684A
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684A Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1684A Datasheet HTML 5Page - Diodes Incorporated AP1684A Datasheet HTML 6Page - Diodes Incorporated AP1684A Datasheet HTML 7Page - Diodes Incorporated AP1684A Datasheet HTML 8Page - Diodes Incorporated AP1684A Datasheet HTML 9Page - Diodes Incorporated AP1684A Datasheet HTML 10Page - Diodes Incorporated AP1684A Datasheet HTML 11Page - Diodes Incorporated AP1684A Datasheet HTML 12Page - Diodes Incorporated AP1684A Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP1684A
Document number: DS37095 Rev. 1 - 2
10 of 13
www.diodes.com
August 2014
© Diodes Incorporated
AP1684A
A Product Line of
Diodes Incorporated
Ordering Information
AP1684A X XX – XX
Packing
Package
Product Name
TR : Tape & Reel
M : SO-8
G1 : Green
RoHS/Green
Diodes IC’s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Temperature Range
Part Number
Marking ID
Packing
SO-8
-40°C to +105°C
AP1684AMTR-G1
1684AM-G1
4
000/13’’Tape & Reel
Marking Information
(Top View)
1684A
M-G1
YWWAXX
First and Second Lines: Logo and Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com