Electronic Components Datasheet Search
  English  ▼

X  

AP3607 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3607 Datasheet HTML 2Page - Diodes Incorporated AP3607 Datasheet HTML 3Page - Diodes Incorporated AP3607 Datasheet HTML 4Page - Diodes Incorporated AP3607 Datasheet HTML 5Page - Diodes Incorporated AP3607 Datasheet HTML 6Page - Diodes Incorporated AP3607 Datasheet HTML 7Page - Diodes Incorporated AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated AP3607 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
6 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Input Voltage
-0.3 to 6
V
VOUT
VOUT Pin Voltage (VOUT1 & VOUT2)
-6 to 0.3
V
VEN
EN Pin Voltage
-0.3 to 6
V
VC+
C1+, C2+ Pin Voltage
-0.3 to 6
V
VC-
C1-, C2- Pin Voltage
-6 to 0.3
V
VD
D1, D2, D3, D4 Pin Voltage
AP3606
VOUT to VIN
V
D1, D2, D3, D4, D5, D6 Pin Voltage
AP3607
θJA
Thermal Resistance
(Junction to Ambient, No Heat Sink, Free Air)
60
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
Note 1:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.7
5.5
V
Operating Ambient Temperature
TA
-40
+85
°C
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com