Electronic Components Datasheet Search
  English  ▼

X  

AP3607 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3607 Datasheet HTML 1Page - Diodes Incorporated AP3607 Datasheet HTML 2Page - Diodes Incorporated AP3607 Datasheet HTML 3Page - Diodes Incorporated AP3607 Datasheet HTML 4Page - Diodes Incorporated AP3607 Datasheet HTML 5Page - Diodes Incorporated AP3607 Datasheet HTML 6Page - Diodes Incorporated AP3607 Datasheet HTML 7Page - Diodes Incorporated AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
1 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
Description
The AP3606 and AP3607 are step-up DC-DC converters based on
1x/1.5x charge pump and low dropout current sink, which helps them
maintain the highest efficiency. The AP3606 is specially designed to
drive up to 4 WLEDs in backlight display while the AP3607 is
designed for 6 WLEDs.
These devices provide up to 20mA current for each WLED. There are
totally 16 steps of current control, which is achieved through a digital
pulse dimming function on EN pin. Additionally, 1MHz high switching
frequency enables the use of small external capacitors. Internal soft-
start circuitry prevents excessive inrush current during start-up and
mode transition.
The supply voltage ranges of AP3606 and AP3607 are from 2.7V to
5.5V which make them ideally suit for applications powered by Li-ion
battery.
These ICs are available in the tiny package of QFN-3×3-16.
Features
Regulated Output Current with ±3% Matching
Drives up to 4 WLEDs at 20mA Each (AP3606)
Drives up to 6 WLEDs at 20mA Each (AP3607)
16 Steps Brightness Control Using Pulse Signal Dimming
Wide Operating Voltage Range: 2.7V to 5.5V
High Operating Frequency: 1MHz
Auto 1x/1.5x Charge Pump Mode Selection
Built-in Soft-Start
Output Over Voltage Protection
Built-In UVLO
Built-In OTSD
Operating Temperature Range: -40°C to +85°C
Pin Assignments
(Top View)
QFN-3×3-16 (AP3606)
(Top View)
QFN-3×3-16 (AP3607)
Applications
Mobile Phone
PDA
MP3/4
E P
5
6
7
8
1
2
3
4
9
12
Pin 1 Mark
11
10
13
14
15
16
C1-
C1+
C2+
C2-
NC
D4
D3
D2
Note: Pin 14 should be connected with Pin 16 on PCB Board.
Exposed PAD,
Connected to AGND
E P
5
6
7
8
1
2
3
4
9
12
Pin 1 Mark
11
10
13
14
15
16
C1-
C1+
C2+
C2-
D5
D4
D3
Note: Pin 15 should be connected with Pin 16 on PCB Board.
Exposed PAD,
Connected to AGND
D6
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156


Similar Part No. - AP3607

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3607 BCDSEMI-AP3607 Datasheet
498Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3607FNTR-G1 BCDSEMI-AP3607FNTR-G1 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
More results

Similar Description - AP3607

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
BCD Semiconductor Manuf...
AP3606,7 BCDSEMI-AP3606,7_10 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com