Electronic Components Datasheet Search
  English  ▼

X  

MPC941 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC941 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC941 Datasheet HTML 1Page - Renesas Technology Corp MPC941 Datasheet HTML 2Page - Renesas Technology Corp MPC941 Datasheet HTML 3Page - Renesas Technology Corp MPC941 Datasheet HTML 4Page - Renesas Technology Corp MPC941 Datasheet HTML 5Page - Renesas Technology Corp MPC941 Datasheet HTML 6Page - Renesas Technology Corp MPC941 Datasheet HTML 7Page - Renesas Technology Corp MPC941 Datasheet HTML 8Page - Renesas Technology Corp MPC941 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
REVISION 10 3/18/15
3
LOW VOLTAGE, 1:27 CLOCK DISTRIBUTION CHIP
MPC941 DATA SHEET
Table 2. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.6
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–40
125
C
Table 3. DC Characteristics (VCC = 3.3 V ± 5%, TA = –40 to +85C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
LVCMOS_CLK
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
LVCMOS_CLK
–0.3
0.8
V
LVCMOS
IIN
Input Current
120(1)
1. Input pull-up / pull-down resistors influence input current.
A
VPP
Peak-to-Peak Input Voltage
PECL_CLK,
PECL_CLK
500
mV
LVPECL
VCMR
Common Mode Range
PECL_CLK,
PECL_CLK
1.2
VCC –0.8
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH = –24 mA
(2)
2. The MPC941 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50 parallel terminated transmission
line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.40
V
V
IOL = 24 mA
(2)
IOL = 12 mA
IOZ
Output Tristate Leakage Current
100
A
ZOUT
Output Impedance
14 – 17
CPD
Power Dissipation Capacitance
7-8
10
pF
Per Output
CIN
Input Capacitance
4.0
pF
ICCQ
Maximum Quiescent Supply Current
5
mA
All VCC Pins
VTT
Output Termination Voltage
VCC 2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com