Electronic Components Datasheet Search
  English  ▼

X  

MPC941 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC941 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC941 Datasheet HTML 1Page - Renesas Technology Corp MPC941 Datasheet HTML 2Page - Renesas Technology Corp MPC941 Datasheet HTML 3Page - Renesas Technology Corp MPC941 Datasheet HTML 4Page - Renesas Technology Corp MPC941 Datasheet HTML 5Page - Renesas Technology Corp MPC941 Datasheet HTML 6Page - Renesas Technology Corp MPC941 Datasheet HTML 7Page - Renesas Technology Corp MPC941 Datasheet HTML 8Page - Renesas Technology Corp MPC941 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Low Voltage, 1:27 Clock Distribution Chip
MPC941
MPC941 REVISION 10 3/18/15
1
©2015 Integrated Device Technology, Inc.
The MPC941 is a 1:27 low voltage clock distribution chip. The device features
the capability to select either a differential LVPECL or an LVCMOS compatible
input. The 27 outputs are LVCMOS compatible and feature the drive strength to
drive 50
 series or parallel terminated transmission lines. With output-to-output
skews of 250 ps, the MPC941 is ideal as a clock distribution chip for the most
demanding of synchronous systems. For a similar product with a smaller number
of outputs, please consult the MPC940 data sheet.
•
LVPECL or LVCMOS Clock Input
•
250 ps Maximum Output-to-Output Skew
•
Drives Up to 54 Independent Clock Lines
•
Maximum Output Frequency of 250 MHz
•
High Impedance Output Enable
•
Extended Temperature Range: –40
C to +85C
•
48-Lead LQFP Packaging, Pb-free
•
3.3 V or 2.5 V VCC Supply Voltage
With a low output impedance, in both the HIGH and LOW logic states, the
output buffers of the MPC941 are ideal for driving series terminated transmission
lines. More specifically, each of the 27 MPC941 outputs can drive two series
terminated 50
 transmission lines. With this capability, the MPC941 has an effective fanout of 1:54. With this level of fanout, the
MPC941 provides enough copies of low skew clocks for most high performance synchronous systems.
The differential LVPECL inputs of the MPC941 allow the device to interface directly with an LVPECL fanout buffer like the
MC100EP111 to build very wide clock fanout trees or to couple to a high frequency clock source. The LVCMOS input provides a
more standard interface for applications requiring only a single clock distribution chip at relatively low frequencies. In addition,
the two clock sources can be used as a test clock interface as well as the primary system clock. A logic HIGH on the
LVCMOS_CLK_Sel pin will select the LVCMOS level clock input.
The MPC941 is fully 3.3 V and 2.5 V compatible. The 48-lead LQFP package was chosen to optimize performance, board
space and cost of the device. The 48-lead LQFP has a 7x7 mm body size.
LOW VOLTAGE 3.3 V/2.5 V
1:27 CLOCK
DISTRIBUTION CHIP
AE SUFFIX
48-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 932-03
SCALE 2:1


Similar Part No. - MPC941

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC941 IDT-MPC941 Datasheet
217Kb / 13P
Low Voltage, 1:27 Clock Distribution Chip
More results

Similar Description - MPC941

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
MPC948L MOTOROLA-MPC948L Datasheet
106Kb / 6P
LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Integrated Device Techn...
MPC941 IDT-MPC941 Datasheet
217Kb / 13P
Low Voltage, 1:27 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com