Electronic Components Datasheet Search
  English  ▼

X  

MPC961P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC961P
Description  Low Voltage Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC961P Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC961P Datasheet HTML 1Page - Renesas Technology Corp MPC961P Datasheet HTML 2Page - Renesas Technology Corp MPC961P Datasheet HTML 3Page - Renesas Technology Corp MPC961P Datasheet HTML 4Page - Renesas Technology Corp MPC961P Datasheet HTML 5Page - Renesas Technology Corp MPC961P Datasheet HTML 6Page - Renesas Technology Corp MPC961P Datasheet HTML 7Page - Renesas Technology Corp MPC961P Datasheet HTML 8Page - Renesas Technology Corp MPC961P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
Low Voltage Zero Delay Buffer
MPC961P
1
©2016 Integrated Device Technology, Inc.
Revision 6, October 4, 2016
OBSOLETE
The MPC961 is a 2.5 V or 3.3 V compatible, 1:18 PLL based zero delay buffer.
With output frequencies of up to 200 MHz, output skews of 150 ps the device
meets the needs of the most demanding clock tree applications.
Features
•
Fully Integrated PLL
•
Up to 200 MHz I/O Frequency
•
LVCMOS Outputs
•
Outputs Disable in High Impedance
•
LVPECL Reference Clock Options
•
LQFP Packaging
•
32-lead Pb-free Package Available
•
50 ps Cycle-Cycle Jitter
•
150 ps Output Skews
Functional Description
The MPC961 is offered with two different input configurations. The MPC961P
offers an LVCMOS reference clock while the MPC961P offers an LVPECL
reference clock.
When pulled high the OE pin will force all of the outputs (except QFB) into a
high impedance state. Because the OE pin does not affect the QFB output, down
stream clocks can be disabled without the internal PLL losing lock.
The MPC961 is fully 2.5 V or 3.3 V compatible and requires no external loop
filter components. All control inputs accept
LVCMOS compatible levels and the outputs provide low impedance LVCMOS
outputs capable of driving terminated 50
 transmission lines. For series termi-
nated lines the MPC961 can drive two lines per output giving the device an ef-
fective fanout of 1:36. The device is packaged in a 32 lead LQFP package to
provide the optimum combination of board density and performance.
MPC961P
LOW VOLTAGE
ZERO DELAY BUFFER
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-03
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
PCLK
FB_IN
Q0
Q14
QFB
0
PLL
1
F_RANGE
OE
Q1
Q2
Q3
Q15
Q16
Ref
FB
100 – 200 MHz
50 – 100 MHz
The MPC961P requires an external RC filter for the analog power supply pin VCCA. Refer to APPLICATIONS INFORMATION for details.
50 k
50 k
50 k
50 k
PCLK
50 k
50 k
VCC
OBSOLETE


Similar Part No. - MPC961P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
LOW VOLTAGE ZERO DELAY BUFFER
MPC961C MOTOROLA-MPC961C Datasheet
296Kb / 12P
LOW VOLTAGE ZERO DELAY
More results

Similar Description - MPC961P

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
LOW VOLTAGE ZERO DELAY BUFFER
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
Low Voltage Zero Delay Buffer
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
Low Voltage Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
Low Voltage Zero Delay Buffer
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
Low Voltage Zero Delay Buffer
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com