Electronic Components Datasheet Search
  English  ▼

X  

MPC961P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC961P
Description  Low Voltage Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC961P Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC961P Datasheet HTML 1Page - Renesas Technology Corp MPC961P Datasheet HTML 2Page - Renesas Technology Corp MPC961P Datasheet HTML 3Page - Renesas Technology Corp MPC961P Datasheet HTML 4Page - Renesas Technology Corp MPC961P Datasheet HTML 5Page - Renesas Technology Corp MPC961P Datasheet HTML 6Page - Renesas Technology Corp MPC961P Datasheet HTML 7Page - Renesas Technology Corp MPC961P Datasheet HTML 8Page - Renesas Technology Corp MPC961P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MPC961P Datasheet
2
©2016 Integrated Device Technology, Inc.
Revision 6, October 4, 2016
OBSOLETE
Figure 1. MPC961P Logic Diagram
Figure 2. 32-Lead Pinout (Top View)
Table 1. Pin Configurations
Number
Name
Type
Description
PCLK, PCLK
Input
LVCMOS
PLL reference clock signal
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to a QFB output
F_RANGE
Input
LVCMOS
PLL frequency range select
OE
Input
LVCMOS
Output enable/disable
Q0 – Q16
Output
LVCMOS
Clock outputs
QFB
Output
LVCMOS
PLL feedback signal output, connect to a FB_IN
GND
Supply
Ground
Negative power supply
VCCA
Supply
VCC
PLL positive power supply (analog power supply). The MPC961P requires an
external RC filter for the analog power supply pin VCCA. Please see applications
section for details.
VCC
Supply
VCC
Positive power supply for I/O and core
Table 2. Function Table
Control
Default
0
1
F_RANGE
0
PLL high frequency range. MPC961P input reference and
output clock frequency range is 100 – 200 MHz
PLL low frequency range. MPC961P input reference and
output clock frequency range is 50 – 100 MHz
OE
0
Outputs enabled
Outputs disabled (high-impedance state)
Q5
Q4
Q3
GND
Q2
Q1
Q0
VCC
Q12
Q13
Q14
GND
Q15
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
45
6
78
24
23
22
21
20
19
18
17
16
MPC961P
VCC
Q16
QFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com