Electronic Components Datasheet Search
  English  ▼

X  

BAT18 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT18
Description  Band-switching diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT18 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT18 Datasheet HTML 1Page - NXP Semiconductors BAT18 Datasheet HTML 2Page - NXP Semiconductors BAT18 Datasheet HTML 3Page - NXP Semiconductors BAT18 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1996 Mar 13
3
Philips Semiconductors
Product specification
Band-switching diode
BAT18
GRAPHICAL DATA
(1) Tj =60 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.2
Forward current as a function of
forward voltage.
handbook, halfpage
0
1.5
100
0
50
MBG312
0.5
1
I F
(mA)
V
(V)
F
(1)
(2)
(3)
VR =20V.
Solid line: maximum values.
Dotted line: typical values.
Fig.3
Reverse current as a function of
junction temperature.
handbook, halfpage
10 5
10 4
10 3
10 2
10 −1
10
1
150
0
MBG311
50
100
Tj ( C)
o
I R
(nA)
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1.5
0
10
−1
MBG313
110
10
2
0.5
1
Cd
(pF)
VR (V)
Fig.5
Diode forward resistance as a function of
forward current; typical values.
f = 200 MHz; Tj =25 °C.
handbook, halfpage
2
0
10 2
MBG314
10
1
1
rD
(
Ω)
IF (mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com