Electronic Components Datasheet Search
  English  ▼

X  

BAT54C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT54C
Description  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54C Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT54C Datasheet HTML 1Page - NXP Semiconductors BAT54C Datasheet HTML 2Page - NXP Semiconductors BAT54C Datasheet HTML 3Page - NXP Semiconductors BAT54C Datasheet HTML 4Page - NXP Semiconductors BAT54C Datasheet HTML 5Page - NXP Semiconductors BAT54C Datasheet HTML 6Page - NXP Semiconductors BAT54C Datasheet HTML 7Page - NXP Semiconductors BAT54C Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2002 Mar 04
4
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT54 series
handbook, halfpage
10
IF
VF (V)
3
10
(mA)
2
10
1
10 1
1.2
0.8
0.4
0
MSA892
(3)
(2)
(1)
(3)
(2)
(1)
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
010
20
30
V
(V)
R
10 3
I
R
(
µA)
10 2
10
1
10 1
(1)
(2)
(3)
MSA893
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
Fig.4
Reverse current as a function of reverse
voltage; typical values.
handbook, halfpage
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
MSA891
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.
Fig.6 Reverse recovery definitions.
handbook, halfpage
90%
10%
tf
Q
dI
dt
t
IF
IR
MRC129 - 1
F
r



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com