Electronic Components Datasheet Search
  English  ▼

X  

MIL-HD2 Datasheet(PDF) 2 Page - Amphenol Aerospace Operations

Part # MIL-HD2
Description  NEXT-GEN SOSA™/VITA 91 ALIGNED CONNECTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-HD2 Datasheet(HTML) 2 Page - Amphenol Aerospace Operations

  MIL-HD2 Datasheet HTML 1Page - Amphenol Aerospace Operations MIL-HD2 Datasheet HTML 2Page - Amphenol Aerospace Operations MIL-HD2 Datasheet HTML 3Page - Amphenol Aerospace Operations MIL-HD2 Datasheet HTML 4Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cat Brandas • Office: +1 (607) 563-5129 • Mobile: +1 (607) 643-5071 • Email: cbrandas@amphenol-aao.com
amphenol-aerospace.com • amphenolmao.com
MATERIAL
•
Contact Finish Area: Gold
•
Contact Base Metal: High performance copper alloy
•
Housings: LCP
•
Stiffener: Stainless steel type 301
ELECTRICAL PERFORMANCE
•
Signal Contact Current Rating: 1A
•
Contact Resistance Change: 10mΩ max.
•
Dielectric Withstanding Voltage: 750V RMS peak
MECHANICAL PERFORMANCE
•
2mm & 3mm signal wipes available
•
Housing Capture: 0.8mm X & 0.61mm Y
•
Guide Capture: 2mm X & Y
•
Durability: 250 mating cycles
ENVIRONMENTAL
•
Operating Temperature Range: -40°C to 105°C
APPROVALS AND CERTIFICATIONS
•
UL94 V-0
•
VITA 47 - Qualification testing in progress
•
VITA 72 - Passed Vita 72 vibe levels
SPECIFICATIONS
•
HD2 General Product Specification
•
HD Family Routing Guidelines
•
HD2 Connector Design Guidelines
•
Vita 91
PACKAGING
•
PVC trays (ESD)
TARGET MARKETS/APPLICATIONS
•
Radar
•
Sensors
•
Switches
•
Integrated Processors
•
Surveillance
•
Electronic Warfare
•
Cyber Defense
•
C5ISR
•
Low Earth Orbit Satellites
TECHNICAL INFORMATION
Shown: 128 high speed diff pair in copper (56 Gbps PAM4)
PLUS 72 channels of Fiber
Shown: 3U 1" VPX Slot offering 160 differential pairs
with MHD2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com