Electronic Components Datasheet Search
  English  ▼

X  

MIL-HD2 Datasheet(PDF) 4 Page - Amphenol Aerospace Operations

Part # MIL-HD2
Description  NEXT-GEN SOSA™/VITA 91 ALIGNED CONNECTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-HD2 Datasheet(HTML) 4 Page - Amphenol Aerospace Operations

  MIL-HD2 Datasheet HTML 1Page - Amphenol Aerospace Operations MIL-HD2 Datasheet HTML 2Page - Amphenol Aerospace Operations MIL-HD2 Datasheet HTML 3Page - Amphenol Aerospace Operations MIL-HD2 Datasheet HTML 4Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cat Brandas • Office: +1 (607) 563-5129 • Mobile: +1 (607) 643-5071 • Email: cbrandas@amphenol-aao.com
amphenol-aerospace.com • amphenolmao.com
HOW TO ORDER
1.
2.
3.
4.
5.
6.
7.
Connector Type
Differential Pairs
Gender
Columns
Special Options
Contact Plating
Contact
Termination Finish
MHD2
4
J
8
00
M
1
1. Connector Type
MHD2
MIL-HD2 - (56 Gbps PAM4)
Extra Ground Version *
2. Differential Pairs
3
Number of differential pairs
per column
4
6
4. Columns
4
Number of columns
6
8
6. Contact Plating
M
50 µ-inch Gold
7. Contact Termination Finish
1
Gold (Tin & Lead Free)
5. Special Options
00
Optional 2 digit indicator for
specials (partial loads, etc.). Shall
always be "00" when not used.
3. Gender
J
Backplane (without endwalls)
P
Daughtercard
Complete steps 1-7 to create your part number (ex: MHD24J800M1)
Required Installation Tools
10-743053-001
Backplane Installation Tool
10-743053-002
Daughter Card Installation Tool
Backplane Installation Tool
Daughtercard Installation Tool



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com