Electronic Components Datasheet Search
  English  ▼

X  

U10 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # U10
Description  PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

U10 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  U10 Datasheet HTML 1Page - Amphenol Communications Solutions U10 Datasheet HTML 2Page - Amphenol Communications Solutions U10 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
SlimSAS™ Connectors - U10 Series
PART NUMBER SELECTOR
Style
A
X8 Right Angle
B
X8 Vertical
C
X4 Right Angle
D
X4 Vertical
E
X4 Vertical Low Profile
F
X8 Vertical Low Profile
G
X12 Vertical Low Profile
J
X12 Right Angle
K
X12 Vertical
Impedance
0
85Ω
4
85Ω enhancement (Right Angle)
Number of Positions
38
38 Pos
74
74 Pos
Latch Anchor Metal Shell Option
0
Pin 1.5mm long, Right Angle
1
SMT
3
No latch metal shell
4
Pin 2.2mm long, Right Angle
5
Pin 3.0mm long, Right Angle
6
Pin 4.2mm long, Right Angle
0
Pin 1.5mm long, Pin inside footprint on Vertical
2
Pin 1.5mm long, Pin outside footprint on Vertical
3
No Latch
4
Pin 2.2mm long, Pin outside footprint on Vertical
5
Pin 3.0mm long, Pin outside footprint on Vertical
6
Pin 4.2mm long, Pin outside footprint on Vertical
7
Pin 2.2mm long, Pin inside footprint on Vertical
8
Pin 3.0mm long, Pin inside footprint on Vertical
9
Pin 4.2mm long, Pin inside footprint on Vertical
Contact Plating
2
30 μ” Gold Plating over Nickel
3
15 μ” Gold Plating over Nickel
Option
0
Standard (except U10BH74*)
0
No Resonance Dampening for
U10BH74*
1
No Resonance Dampening
(except U10BH74*)
1
Resonance Dampening for
U10BH74*
U10
X
X
XX
X
X
X
XX
T
SlimSAS Receptacle
Sequence Number
Blank
PN assigned
01
74 Pos
02
38 Pos
Tape & Reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com