Electronic Components Datasheet Search
  English  ▼

X  

U10 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # U10
Description  PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

U10 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  U10 Datasheet HTML 1Page - Amphenol Communications Solutions U10 Datasheet HTML 2Page - Amphenol Communications Solutions U10 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
PROVEN, HIGH SPEED, NEXT-
GENERATION SAS-4 INTERFACE
SlimSAS™ connectors address issues in next-generation
storage devices such as bulk cable form factor restrictions
and the introduction of multi-lane storage devices.
SlimSAS™ connector is a 0.60mm pitch interconnect
system which offers superior signal integrity performance
over standard Mini-SAS solutions.
TARGET MARKETS
SlimSAS™ Connectors - U10 Series
§ Designed for unshielded, internal or external I/O
connectors
§ Compliant with T10/Serial Attached SCSI (SAS-4)
standard
§ Supports many assembly options
FEATURES
BENEFITS
§
High density connector
§
Low profile connector saves space
§
0.60mm pitch, 4x, 6x, 8x, 12x configurations
§
Complete interconnect solution for different applications
§
8x SlimSAS solution consumes the same area as 4x Mini-
SAS HD
§
Performance targeted for next-gen SAS 4.0 and PCIe Gen 4
§
Supports internal and external I/O applications
§
Receptacle mates pluggable modules
§
Small Form Factor
§
High data rate
§
Low profile packaging
§
Supports desired high speed design
§
Meets SAS 4.0, 24Gb/s specification
§
Meets next-generation industry standards
§
Resonance dampening feature
§
Customized signal integrity specification and support
NVLink 25G
§
Supports many assembly options
§
Supports blade and mainstream server designs


Similar Part No. - U10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
350Kb / 3P
PROVEN, HIGH SPEED, NEXT-GENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
DC/DC MODULES
More results

Similar Description - U10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
FCI connector
10112626-101LF FCI-CONNECTOR-10112626-101LF Datasheet
1,017Kb / 3P
Mini-SAS HD Next generation SAS storage interface
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Maxim Integrated Produc...
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX20332EVKIT MAXIM-MAX20332EVKIT Datasheet
882Kb / 12P
Proven High-Speed USB PCB Layout
Rev 0; 5/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com