Electronic Components Datasheet Search
  English  ▼

X  

AP62500 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP62500
Description  4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62500 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP62500 Datasheet HTML 9Page - Diodes Incorporated AP62500 Datasheet HTML 10Page - Diodes Incorporated AP62500 Datasheet HTML 11Page - Diodes Incorporated AP62500 Datasheet HTML 12Page - Diodes Incorporated AP62500 Datasheet HTML 13Page - Diodes Incorporated AP62500 Datasheet HTML 14Page - Diodes Incorporated AP62500 Datasheet HTML 15Page - Diodes Incorporated AP62500 Datasheet HTML 16Page - Diodes Incorporated AP62500 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AP62500
Document number: DS44664 Rev. 1 - 2
13 of 27
www.diodes.com
November 2022
© Diodes Incorporated
AP62500
Typical Performance Characteristics (AP62500 @ TA = +25°C, VIN = 12V, VOUT = 5V, MODE = Floating (USM),
FSEL = Floating (fSW = 800kHz), SS/TR = Floating (tSS = 1ms), BOM = Table 1, unless otherwise specified.) (continued)
Figure 30. Output Voltage Ripple, VOUT = 5V, IOUT = 50mA
Figure 31. Output Voltage Ripple, VOUT = 5V, IOUT = 5A
Figure 32. Output Voltage Ripple, VOUT = 3.3V, IOUT = 50mA
Figure 33. Load Transient, IOUT = 50mA to 500mA to 50mA
Figure 34. Load Transient, IOUT = 2A to 5A to 4A
Figure 35. Load Transient, IOUT = 50mA to 5A to 50mA
VOUTAC (50mV/div)
IL (2A/div)
VSW (10V/div)
5
μs/div
VOUTAC (20mV/div)
IL (5A/div)
VSW (10V/div)
1
μs/div
VOUTAC (50mV/div)
IL (2A/div)
VSW (10V/div)
5
μs/div
VOUTAC (50mV/div)
IOUT (500mA/div)
100
μs/div
100
μs/div
VOUTAC (500mV/div)
IOUT (2A/div)
100
μs/div
VOUTAC (500mV/div)
IOUT (2A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com