Electronic Components Datasheet Search
  English  ▼

X  

AP62500 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP62500
Description  4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62500 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP62500 Datasheet HTML 17Page - Diodes Incorporated AP62500 Datasheet HTML 18Page - Diodes Incorporated AP62500 Datasheet HTML 19Page - Diodes Incorporated AP62500 Datasheet HTML 20Page - Diodes Incorporated AP62500 Datasheet HTML 21Page - Diodes Incorporated AP62500 Datasheet HTML 22Page - Diodes Incorporated AP62500 Datasheet HTML 23Page - Diodes Incorporated AP62500 Datasheet HTML 24Page - Diodes Incorporated AP62500 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AP62500
Document number: DS44664 Rev. 1 - 2
21 of 27
www.diodes.com
November 2022
© Diodes Incorporated
AP62500
Application Information (continued)
11
Setting the Output Voltage
The AP62500 has an adjustable output voltage, starting from 0.6V, using an external resistive divider. The resistor values of the feedback network
are selected based on a design trade-off between efficiency and output voltage accuracy. There is less current consumption in the feedback
network for high resistor values, which improves efficiency at light loads. However, values too high cause the device to be more susceptible to
noise affecting its output voltage accuracy. R1 can be determined by the following equation:
������������ = ������������ ∙ (
������������������������
������. ������������
− ������)
Eq. 8
Table 1 shows a list of recommended component selections for common AP62500 output voltages referencing Figure 1. The AP62500 is capable
of delivering output voltages greater than the listed maximum recommended output voltage of 7.0V by modifying the typical application circuit with
additional external components. Consult Diodes Incorporated for more information if such output voltages are required.
Table 1. Recommended Component Selections
AP62500
Output Voltage
(V)
Frequency
(kHz)
R1
(kΩ)
R2
(kΩ)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
1.2
400
30.1
30.1
1.50
22
3 x 22
100
800
0.75
1200
0.52
1.5
400
45.3
30.1
1.80
22
3 x 22
100
800
0.90
1200
0.62
1.8
400
60.4
30.1
2.00
22
3 x 22
100
800
1.00
1200
0.68
2.5
400
95.3
30.1
2.70
22
3 x 22
100
800
1.30
1200
0.90
3.3
400
137.0
30.1
3.30
22
3 x 22
100
800
1.50
1200
1.00
5.0
400
221.0
30.1
3.50
22
3 x 22
100
800
2.20
1200
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com