Electronic Components Datasheet Search
  English  ▼

X  

B150AE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B150AE
Description  1.0A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B150AE Datasheet(HTML) 2 Page - Diodes Incorporated

  B150AE Datasheet HTML 1Page - Diodes Incorporated B150AE Datasheet HTML 2Page - Diodes Incorporated B150AE Datasheet HTML 3Page - Diodes Incorporated B150AE Datasheet HTML 4Page - Diodes Incorporated B150AE Datasheet HTML 5Page - Diodes Incorporated B150AE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B150AE(BE)-B160AE(BE)
Document number: DS39267 Rev. 4 - 2
2 of 6
www.diodes.com
January 2020
© Diodes Incorporated
B150AE-B160AE
B150BE-B160BE
Marking Information (continued)
SMB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B150AE
B150BE
B160AE
B160BE
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
50
60
V
Average Rectified Output Current
IO
1
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 6)
SMA
SMB
RθJA
95
90
°C/W
Typical Thermal Resistance Junction to Case (Note 6)
SMA
SMB
RθJC
45
40
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
—
—
0.65
—
V
IF = 1A, TJ = +25°C
IF = 1A, TJ = +125°C
B150AE/B150BE
Leakage Current (Note 7)
B160AE/B160BE
IR
—
—
—
—
—
8.0
0.1
0.2
—
mA
VR = 50V, TJ = +25°C
VR = 60V, TJ = +25°C
VR = 60V, TJ = +125°C
Typical Capacitance
CT
—
45
—
pF
VR = 4.0V, f = 1MHz
Notes:
6. Device mounted on FR-4 substrate, 0.4"
 0.5", 2oz, single-sided, PC boards with 0.2"  0.25" copper pad.
7. Short duration pulse test used to minimize self-heating effect.
B1XXBE = Product Type Marking Code, ex: B150BE
= Manufacturers’ Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 0 for 2020)
WW = Week Code (01 to 53)
B1XXBE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com