Electronic Components Datasheet Search
  English  ▼

X  

B150AE Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B150AE
Description  1.0A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B150AE Datasheet(HTML) 3 Page - Diodes Incorporated

  B150AE Datasheet HTML 1Page - Diodes Incorporated B150AE Datasheet HTML 2Page - Diodes Incorporated B150AE Datasheet HTML 3Page - Diodes Incorporated B150AE Datasheet HTML 4Page - Diodes Incorporated B150AE Datasheet HTML 5Page - Diodes Incorporated B150AE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B150AE(BE)-B160AE(BE)
Document number: DS39267 Rev. 4 - 2
3 of 6
www.diodes.com
January 2020
© Diodes Incorporated
B150AE-B160AE
B150BE-B160BE
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
T = 25°C
A
T = 85°C
A
T = 100°C
A
T = 150°C
A
T = 125°C
A
T = -55°C
A
Figure 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 100°C
A
Figure 2 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
10
100
1000
10000
0
10
20
30
40
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Junction Capacitance
Figure 4. DC Forward Current Derating
0 00
.
0 20
.
0 40
.
0 60
.
0 80
.
1 00
.
1 20
.
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Note 5
Note 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com