Electronic Components Datasheet Search
  English  ▼

X  

BAS21H Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS21H
Description  Single high-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21H Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS21H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BAS21H
©
Nexperia B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3
November 2006
5 of 10
Nexperia
BAS21H
Single high-voltage switching diode
(1) Tamb = 150 °C; typical values
(2) Tamb =25 °C; typical values
(3) Tamb =25 °C; maximum values
Based on square wave currents.
Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) VR =VRmax; maximum values
(2) VR =VRmax; typical values
f = 1 MHz; Tamb =25 °C
Fig 3.
Reverse current as a function of junction
temperature
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
600
IF
(mA)
0
200
400
mbg384
02
1
VF (V)
(1)
(3)
(2)
mbg703
10
1
102
IFSM
(A)
10−1
tp (µs)
1104
103
10
102
mbg381
200
0
100
Tj (°C)
10
IR
(
µA)
1
10−2
102
10−1
(1)
(2)
mbg447
04
8
6
2
VR (V)
1.0
0.8
0.2
0.6
0.4
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com