Electronic Components Datasheet Search
  English  ▼

X  

BAS21H Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS21H
Description  Single high-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21H Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS21H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS21H Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BAS21H
©
Nexperia B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3
November 2006
6 of 10
Nexperia
BAS21H
Single high-voltage switching diode
8.
Test information
9.
Package outline
10. Packing information
(1) IR =3mA
Fig 5.
Reverse recovery time test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
Fig 6.
Package outline SOD123F
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
Please refer to packing information on www.nexperia.com.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com