Electronic Components Datasheet Search
  English  ▼

X  

PCE-CT5000H Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT5000H
Description  Thickness Gauge PCE-CT 5000H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT5000H Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT5000H Datasheet HTML 1Page - PCE Instruments. PCE-CT5000H Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Probe
Type F and Type N
 
 
Measuring range Type F
0 ... 5000 μm / 0 ... 5 mm / 0 ... 196 mils
Measuring accuracy Type F
± (2% + 1 μm)
Resolution Type F
0 ... 99.9 μm: 0.1 μm, 100 ... 999 μm: 1 μm
> 1000 μm: 0.01 mm
Measuring principle Type F
Magnetic induction
Smallest thickness of the base
material
0.02 mm
 
 
Measuring range Type N
0 ... 3000 μm / 0 ... 3 mm / 0 ... 118 mils
Measuring accuracy Type N
± (2% + 1 μm)
Resolution Type N
0 ... 99.9 μm: 0.1 μm, 100 ... 999 μm: 1 μm
> 1000 μm: 0.01 mm
Measuring principle Type N
Eddy current
Smallest thickness of the base
material
0.05 mm
 
 
Calibration
One-point to four-point calibration, zero
calibration
Data storage
Direct measurement (no measurement data
storage), four data groups (automatic
measurement data storage of up to 2000
measured values)
Statistical functions
Number of measurements, average, minimum,
maximum, standard deviation
Measurement units
μm, mm, mils
Alarm
Alarm limits adjustable, alarm symbol is
displayed when limits are exceeded
Minimum radius of curvature
(convex)
5 mm / 0.2 in
Minimum radius of curvature
(concave)
25 mm / 1 in
Smallest measuring surface
Diameter of 20 mm / 0.8 in
Maximum measuring rate
2 x per second
Data interface
Data transfer via USB
Power supply
2 x 1.5V AAA batteries
Menu languages
German, English, Russian, Chinese
Operating conditions
0 ... 50°C / 32 ... 122°F, 20 ... 90% RH
Storage conditions
-10 ... 60°C / 14 ... 140°F
Standards
CE ROHS FCC
Dimensions
110 x 53 x 24 mm / 4.33 x 2.09 x 0.95 in
Material housing
ABS plastic
Weight
92 g / < 1 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com