Electronic Components Datasheet Search
  English  ▼

X  

PCE-CT5000H Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CT5000H
Description  Thickness Gauge PCE-CT 5000H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT5000H Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CT5000H Datasheet HTML 1Page - PCE Instruments. PCE-CT5000H Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thickness Gauge PCE-CT 5000H
PCE-CT 5000H Thickness Gauge
Non-destructive coating and dry film thickness (DFT) measuring device for use on ferrous (Type F) and non-ferrous (Type N) metal
substrates
PCE-CT 5000H is a thickness measuring instrument used for the rapid determination of coating thicknesses on ferrous (Type F) and non-ferrous
(Type N) metals. The coating thickness gauge automatically detects the type of metal to be measured. The PCE-CT 5000H coating thickness
gauge uses magnetic induction (ferrous) or eddy current (non-ferrous) to take non-destructive measurements of coating and dry film thickness
(DFT) on metal substrates such as steel and aluminum.
This thickness gauge is ideal for painted and powder-coated surface testing, automotive paint inspection, coated material testing, and
manufacturing quality control applications. Alarm limits can be set in the coating thickness gauge to notify the user when a coating is too thick
or too thin. If a coating thickness measurement falls outside the established limits, a message appears on the display to alert the user.
Designed for non-destructive testing and inspection
Measures coating thickness on Fe and nFe metals
Displays measuring units in μm, mm or mils
Saves up to 2000 measurements to internal memory
Practical V-groove on the measuring head
One- to four-point and zero calibration
Comfortable one-handed operation
Programmable alarm limits
High measuring range
High measuring accuracy
Automatic shutdown
Optional ISO calibration certificate available for purchase separately - see accessories tab for details


Similar Part No. - PCE-CT5000H

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CT100N PCE-PCE-CT100N Datasheet
327Kb / 2P
Thickness Meter PCE-CT 100N
PCE-CT22BT PCE-PCE-CT22BT Datasheet
469Kb / 2P
Material Tester PCE-CT 22BT
PCE-CT22BT-ICA PCE-PCE-CT22BT-ICA Datasheet
317Kb / 2P
Material Tester PCE-CT 22BT-ICA incl. ISO CalibrationCertificate
PCE-CT25FN PCE-PCE-CT25FN Datasheet
352Kb / 2P
Material Thickness Tester PCE-CT 25FN
PCE-CT26FN PCE-PCE-CT26FN Datasheet
475Kb / 2P
Material Tester PCE-CT 26FN
More results

Similar Description - PCE-CT5000H

ManufacturerPart #DatasheetDescription
logo
LEM
CT-5T LEM-CT-5T Datasheet
142Kb / 2P
CT-5T
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
CT PROTECTOR
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
CT PROTECTOR
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com