Electronic Components Datasheet Search
  English  ▼

X  

AMC23C15DWVR Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC23C15DWVR
Description  AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C15DWVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC23C15DWVR Datasheet HTML 9Page - Texas Instruments AMC23C15DWVR Datasheet HTML 10Page - Texas Instruments AMC23C15DWVR Datasheet HTML 11Page - Texas Instruments AMC23C15DWVR Datasheet HTML 12Page - Texas Instruments AMC23C15DWVR Datasheet HTML 13Page - Texas Instruments AMC23C15DWVR Datasheet HTML 14Page - Texas Instruments AMC23C15DWVR Datasheet HTML 15Page - Texas Instruments AMC23C15DWVR Datasheet HTML 16Page - Texas Instruments AMC23C15DWVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V and VDD2 = 3.3 V (unless otherwise noted)
VDD1 (V)
0
5
10
15
20
25
30
-66
-65
-64
-63
-62
-61
-60
-59
-58
-57
-56
D014a
Device 1, VIT−
Device 2, VIT−
Device 3, VIT−
Device 1, VIT+
Device 2, VIT+
Device 3, VIT+
Figure 6-11. Cmp3 Trip Threshold vs Supply Voltage
Figure 6-12. Cmp3 Trip Threshold vs Temperature
VDD1 (V)
0
5
10
15
20
25
30
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D014b
Device 1, EIT−
Device 2, EIT−
Device 3, EIT−
Device 1, EIT+
Device 2, EIT+
Device 3, EIT+
Figure 6-13. Cmp3 Trip Threshold Error vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D015b
Device 1, EIT−
Device 2, EIT−
Device 3, EIT−
Device 1, EIT+
Device 2, EIT+
Device 3, EIT+
Figure 6-14. Cmp3 Trip Threshold Error vs Temperature
VDD1 (V)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
D018
Device 1
Device 2
Device 3
Figure 6-15. Cmp3 Trip Threshold Hysteresis vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
6
D019
Device 1
Device 2
Device 3
Figure 6-16. Cmp3 Trip Threshold Hysteresis vs Temperature
www.ti.com
AMC23C15
SBASAP9 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC23C15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com