Electronic Components Datasheet Search
  English  ▼

X  

AMC23C15DWVR Datasheet(PDF) 25 Page - Texas Instruments

Part # AMC23C15DWVR
Description  AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C15DWVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC23C15DWVR Datasheet HTML 21Page - Texas Instruments AMC23C15DWVR Datasheet HTML 22Page - Texas Instruments AMC23C15DWVR Datasheet HTML 23Page - Texas Instruments AMC23C15DWVR Datasheet HTML 24Page - Texas Instruments AMC23C15DWVR Datasheet HTML 25Page - Texas Instruments AMC23C15DWVR Datasheet HTML 26Page - Texas Instruments AMC23C15DWVR Datasheet HTML 27Page - Texas Instruments AMC23C15DWVR Datasheet HTML 28Page - Texas Instruments AMC23C15DWVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
7.3.3 Isolation Channel Signal Transmission
The AMC23C15 uses an on-off keying (OOK) modulation scheme, as shown in Figure 7-4, to transmit the
comparator output states across the SiO2-based isolation barrier. The transmit driver (TX) shown in the
Functional Block Diagram transmits an internally-generated, high-frequency carrier across the isolation barrier to
represent a digital one and does not send a signal to represent a digital zero.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides the
data for the logic that drives the open-drain output buffers. The AMC23C15 transmission channel is optimized
to achieve the highest level of common-mode transient immunity (CMTI) and lowest level of radiated emissions
caused by the high-frequency carrier and RX/TX buffer switching.
Data
on High-side
Signal Across Isolation Barrier
Recovered Data
on Low-side
Figure 7-4. OOK-Based Modulation Scheme
7.3.4 Open-Drain Digital Outputs
The AMC23C15 has two open-drain outputs, one for each window comparator. As illustrated in Figure 7-1,
OUT1 is actively pulled low when |VIN| exceeds the threshold values defined by the voltage on the REF pin.
OUT2 is actively pulled low when |VIN| exceeds the threshold values defined by the internal 60-mV reference.
The open-drain outputs are diode-connected to the VDD2 supply, see the Functional Block Diagram, which
means the outputs cannot be pulled more than 500 mV above the VDD2 supply before significant current begins
to flow into the OUTx pins. In particular, the open-drain outputs are clamped to one diode voltage above ground
if VDD2 is at the GND2 level. This behavior is indicated by the gray shadings in Figure 7-5 through Figure 7-10.
On a system level, the CMTI performance of an open-drain signal line depends on the value of the pullup
resistor. During a common-mode transient event with a high slew rate (high dV/dt), the open-drain signal line
can be pulled low because of parasitic capacitive coupling between the high-side and the low-side of the printed
circuit board (PCB). The effect of the parasitic coupling on the signal level is a function of the pullup strength
and a lower value pullup resistor results in better CMTI performance. The AMC23C15 is characterized with a
relatively weak pullup resistor value of 10 kΩ to make sure that the specified CMTI performance is met in a
typical application with a 4.7 kΩ or lower pullup resistor.
www.ti.com
AMC23C15
SBASAP9 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AMC23C15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com