Electronic Components Datasheet Search
  English  ▼

X  

ESD441 Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD441
Description  ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD441 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD441 Datasheet HTML 4Page - Texas Instruments ESD441 Datasheet HTML 5Page - Texas Instruments ESD441 Datasheet HTML 6Page - Texas Instruments ESD441 Datasheet HTML 7Page - Texas Instruments ESD441 Datasheet HTML 8Page - Texas Instruments ESD441 Datasheet HTML 9Page - Texas Instruments ESD441 Datasheet HTML 10Page - Texas Instruments ESD441 Datasheet HTML 11Page - Texas Instruments ESD441 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ESD441DPLR
X2SON
DPL
2
15000
205
200
33
www.ti.com
ESD441
SLVSH26 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com