Electronic Components Datasheet Search
  English  ▼

X  

ESD441 Datasheet(PDF) 2 Page - Texas Instruments

Part # ESD441
Description  ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD441 Datasheet(HTML) 2 Page - Texas Instruments

  ESD441 Datasheet HTML 1Page - Texas Instruments ESD441 Datasheet HTML 2Page - Texas Instruments ESD441 Datasheet HTML 3Page - Texas Instruments ESD441 Datasheet HTML 4Page - Texas Instruments ESD441 Datasheet HTML 5Page - Texas Instruments ESD441 Datasheet HTML 6Page - Texas Instruments ESD441 Datasheet HTML 7Page - Texas Instruments ESD441 Datasheet HTML 8Page - Texas Instruments ESD441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings—JEDEC Specification...........................4
6.3 ESD Ratings—IEC Specification................................ 4
6.4 Recommended Operating Conditions.........................4
6.5 Electrical Characteristics.............................................5
7 Application and Implementation.................................... 6
7.1 Application Information............................................... 6
8 Device and Documentation Support..............................7
8.1 Documentation Support.............................................. 7
8.2 Receiving Notification of Documentation Updates......7
8.3 Support Resources..................................................... 7
8.4 Trademarks.................................................................7
8.5 Electrostatic Discharge Caution..................................7
8.6 Glossary......................................................................7
9 Mechanical, Packaging, and Orderable Information.... 7
9.1 Tape and Reel Information..........................................8
9.2 Mechanical Data....................................................... 10
4 Revision History
DATE
REVISION
NOTES
April 2023
*
Initial Release
ESD441
SLVSH26 – APRIL 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ESD441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com