Electronic Components Datasheet Search
  English  ▼

X  

JFE150DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # JFE150DBVR
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button JFE150DBVR Datasheet HTML 2Page - Texas Instruments JFE150DBVR Datasheet HTML 3Page - Texas Instruments JFE150DBVR Datasheet HTML 4Page - Texas Instruments JFE150DBVR Datasheet HTML 5Page - Texas Instruments JFE150DBVR Datasheet HTML 6Page - Texas Instruments JFE150DBVR Datasheet HTML 7Page - Texas Instruments JFE150DBVR Datasheet HTML 8Page - Texas Instruments JFE150DBVR Datasheet HTML 9Page - Texas Instruments JFE150DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6.6 Typical Characteristics
at TA = 25°C, IDS = 2 mA, common-source configuration, and VDS = 5 V (unless otherwise noted)
Figure 6-1. Drain-to-Source Current vs Gate-to-Source Voltage
Drain-to-Source Voltage (V)
0
5
10
15
20
25
30
35
40
5
10
15
20
25
30
35
40
45
VGS = 0 V
VGS = −0.1 V
VGS = −0.2 V
VGS = −0.3 V
VGS = −0.4 V
Figure 6-2. Drain-to-Source Current vs Drain-to-Source Voltage
Figure 6-3. Drain-to-Source Current vs Drain-to-Source Voltage
Figure 6-4. Common Source Transconductance vs Drain-to-
Source Current
Figure 6-5. Gate Current vs Drain-to-Source Voltage
Figure 6-6. Gate Current vs Gate-to-Source Voltage
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com