Electronic Components Datasheet Search
  English  ▼

X  

JFE150DBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # JFE150DBVR
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button JFE150DBVR Datasheet HTML 11Page - Texas Instruments JFE150DBVR Datasheet HTML 12Page - Texas Instruments JFE150DBVR Datasheet HTML 13Page - Texas Instruments JFE150DBVR Datasheet HTML 14Page - Texas Instruments JFE150DBVR Datasheet HTML 15Page - Texas Instruments JFE150DBVR Datasheet HTML 16Page - Texas Instruments JFE150DBVR Datasheet HTML 17Page - Texas Instruments JFE150DBVR Datasheet HTML 18Page - Texas Instruments JFE150DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
9.2.1 Design Requirements
PARAMETER
DESIGN GOAL
Gain
60 dB
Frequency response
60 Hz to 20 kHz
Noise
< 1.5 nV/√Hz
Input current
< 100 pA
Output swing
±5 V
9.2.2 Detailed Design Procedure
This design provides 60 dB of gain with extremely high input impedance at a very low frequency response. The
order of design priorities are as follows:
• The JFE150 bias current is set by selecting the desired bias current and noise tradeoff (see Figure 6-11). The
input-referred noise is dominated by the JFE150 bias current and gain. To set the bias current point, adjust
the source resistance according to Figure 9-3.
• After the bias current is selected, set the JFET stage gain as high as possible without pushing the device
into the linear region of operation. This is achieved by using the largest drain resistor (RD) possible while
maintaining a minimum of 2 V across the drain to source nodes. Be aware that the amplifier forces the drain
node to match the noninverting amplifier input in normal closed-loop operation. Both ac and dc voltages must
be considered, but generally, only the dc operating point on the drain is considered because the ac voltage
swing is minimal.
• Set the closed gain according to RF2 and RS2, as seen in Equation 4. Thermal noise from RS2 directly couples
into the circuit; therefore, small values for this resistor are required.
• CS is required to block dc voltages from altering the bias point set by source resistor RS. CS also forms the
low-frequency response as described in Equation 5.
9.2.3 Application Curves
Figure 9-7. Voltage Gain
Figure 9-8. Input-Referred Noise Density
www.ti.com
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com