Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA851
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA851 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA851 Datasheet HTML 14Page - Texas Instruments INA851 Datasheet HTML 15Page - Texas Instruments INA851 Datasheet HTML 16Page - Texas Instruments INA851 Datasheet HTML 17Page - Texas Instruments INA851 Datasheet HTML 18Page - Texas Instruments INA851 Datasheet HTML 19Page - Texas Instruments INA851 Datasheet HTML 20Page - Texas Instruments INA851 Datasheet HTML 21Page - Texas Instruments INA851 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
8.3.2 Input Protection
The inputs of PGA855 are individually protected for voltages up to ±40 V beyond either supply. For example, an
input common-mode voltage anywhere between –55 V and +55 V does not cause damage when powered from
±15-V supplies. Internal circuitry on each input provides low series impedance under normal signal conditions,
thus maintaining high performance under normal operating conditions. If the input is overloaded, the protection
circuitry limits the input current to a value of approximately 4.8 mA. Figure 8-2 shows the input protection
functionality during an overvoltage condition.
Figure 8-2. Input Current vs Input Overvoltage
Figure 8-3 shows that during an input overvoltage condition, current flows through the input protection diodes
into the power supplies. In applications where the power supplies are unable to sink current, place Zener diode
clamps (ZD1 and ZD2) on the power supplies to provide a current pathway to ground.
VS+
VS–
Overvoltage
Protection
INx
Input Transistor
VS+
VS–
+
–
Input Voltage
Source
ZD1
ZD2
RIN
Figure 8-3. Input Current Path During an Overvoltage Condition
PGA855
SBOSAE0 – APRIL 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com