Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA851
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA851 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA851 Datasheet HTML 16Page - Texas Instruments INA851 Datasheet HTML 17Page - Texas Instruments INA851 Datasheet HTML 18Page - Texas Instruments INA851 Datasheet HTML 19Page - Texas Instruments INA851 Datasheet HTML 20Page - Texas Instruments INA851 Datasheet HTML 21Page - Texas Instruments INA851 Datasheet HTML 22Page - Texas Instruments INA851 Datasheet HTML 23Page - Texas Instruments INA851 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The PGA855 is a monolithic, high-voltage, high bandwidth, precision programmable gain instrumentation
amplifier with fully differential outputs. The PGA855 combines a high-speed current-feedback input stage with an
internally matched gain resistor network, followed by a four-resistor, fully differential amplifier output stage. The
PGA855 is equipped with 8 binary-gain settings, from 0.125 V/V to 16 V/V, using three digital gain-selection pins:
A0, A1, and A2.
The PGA855 is designed to work with applications such as factory automation and control, analog input
modules, data acquisition, test and measurement, and semiconductor test.
9.2 Typical Applications
9.2.1 ADS127L11, 24-Bit, Delta-Sigma ADC Driver Circuit
The application circuit in Figure 9-1 shows a schematic for a 24-bit wide-bandwidth, delta-sigma ADC. The
ADS127L11 ADC offers two digital filters to optimize ac applications (wideband filter) or dc applications (sinc4
filter). Table 9-2 and Table 9-3 show measurement results in both filter settings. For a detailed design procedure
to operate the ADS127L11 ADC, see the ADS127L11EVM-PDK evaluation module user's guide.
+
–
OUT+
IN
IN+
OUT
VOCM
5 k
5 k
5 k
5 k
ADS127L11
1x Input Range
INP
INN
FDA_IN
FDA_IN+
PGA855
+
–
VIN+
VIN
VO = G × (VIN+
VIN )
+
VO
Gain Network
A0
A1
A2
A0
A1
A2
DGND
DGND
VREF
AVDD
CFB
25 pF
CFB
25 pF
RFIL
47.4
RFIL
47.4
CDIFF
560 pF
CCM
51 pF
CCM
51 pF
1 k
1000 pF
ADS127L11
VCM Pin
VS+
VS
15 V
100 nF
5 V
5 V
15 V
100 nF
LVDD
LVSS
AVSS
4.096 V
RFIL_Optional
RFIL_Optional
CIN_DIFF
10 ×
CIN_CM
1 ×
CIN_CM
1 ×
100 nF
Figure 9-1. Driving the Delta-Sigma ADC ADS127L11
PGA855
SBOSAE0 – APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com