Electronic Components Datasheet Search
  English  ▼

X  

SLG55321 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG55321
Description  Triple Rail High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55321 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG55321 Datasheet HTML 1Page - Renesas Technology Corp SLG55321 Datasheet HTML 2Page - Renesas Technology Corp SLG55321 Datasheet HTML 3Page - Renesas Technology Corp SLG55321 Datasheet HTML 4Page - Renesas Technology Corp SLG55321 Datasheet HTML 5Page - Renesas Technology Corp SLG55321 Datasheet HTML 6Page - Renesas Technology Corp SLG55321 Datasheet HTML 7Page - Renesas Technology Corp SLG55321 Datasheet HTML 8Page - Renesas Technology Corp SLG55321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
000-0055321-102
Page 4 of 9
SLG55321-130010V
Application Example
In a typical application, de-asserting ON (low) turns off the external power N-FET. When the FET is turned off, the voltage at the
load is discharged through a resistor (400 Ohms to 1000 Ohms or Open) internal to the SLG55321 with the discharge current
limited to a maximum of 10mA. When ON is asserted (high), gate voltage is not applied to the gate of the external power N-FET
until after DLY_t then the gate source (Vgs) voltage is ramped up to 11.5 V above the source voltage VS at a slew rate determined
by the internal slew rate control element internal to the SLG55321. Monotonic rise of Vs is maintained even as ID increases
dramatically after the load device turn on threshold voltage is reached. After the source voltage has ramped up to its maximum
steady state value, the Open Drain PG (Power Good) signal is asserted. PG may be used as the ON control of a second
SLG55321 thereby providing power on sequence control of a number of switched power rails, or used in a ‘wired and’ with other
PG signals to indicate all switched power rails are in a power good condition.
The devices will not operate if Vcc is below 3.5 V and will not operate until VD reaches 0.8 V.
The waveforms shown illustrate the monotonic rise of the source voltage of a FET as gate voltage is controlled to accommodate
for variations in load current as the voltage is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com