Electronic Components Datasheet Search
  English  ▼

X  

SLG55321 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG55321
Description  Triple Rail High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55321 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG55321 Datasheet HTML 1Page - Renesas Technology Corp SLG55321 Datasheet HTML 2Page - Renesas Technology Corp SLG55321 Datasheet HTML 3Page - Renesas Technology Corp SLG55321 Datasheet HTML 4Page - Renesas Technology Corp SLG55321 Datasheet HTML 5Page - Renesas Technology Corp SLG55321 Datasheet HTML 6Page - Renesas Technology Corp SLG55321 Datasheet HTML 7Page - Renesas Technology Corp SLG55321 Datasheet HTML 8Page - Renesas Technology Corp SLG55321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2022 Renesas Electronics Corporation
Rev 1.02
000-0055321-102
Revised February 9, 2022
Triple Rail High Voltage Gate Driver
SLG55321-130010V
Block Diagram
Features
•
5 V Power supply
•
Drain Voltage Range 1.0 V to 20 V
•
Internal Gate Voltage Charge Pump
•
Controlled Load Discharge Rate
•
Controlled Turn on Slew Rate
•
TDFN-8 Package
Application Functions
•
Power Supply Sequencing with ramp/delay/discharge
control
•
Power Rail “Soft” Switch
•
Hot Plugging Applications
•
Low Transient Load Switching
•
Replace high cost P-channel MOSFETs with lower cost
N-channel MOSFETs
Pin Configuration
Environmental
•
Pb-Free / RoHS Compliant
•
Halogen Free
Target Application Products
•
Notebook & Netbook Battery Packs
•
Notebook & Netbook Sleep Mode Circuits
•
Server Load Switches
•
Gaming Sleep Mode Power Switches
•
Communications Power Switches
D
S/DIS1
G1/G2/G3
DIS3
GND
DIS2
2
3
4
5
6
7
8
ON
VCC
1
8-pin TDFN
(Top View)
VD = 20V Max*
Vs
G1/G2/G3
S/DIS1
ON
GND
VCC = 5V
D
2
4
6
7
5
1
SLG55321
SLG55320
DIS3 8
DIS2 3
5V
3.3V
1.5V
FET1
FET2
FET3
LOAD1
LOAD2
LOAD3
Note: Drain voltage of
FET3 cannot exceed 5V
due to reliability issue of
discharge device
The highest VD being switched must be at FET1 and pin 5 of
the SLG55321 and SLG55320
1k
SLG55321
VG is pumped to VD + 8 V min


Similar Part No. - SLG55321

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55021-200010 DIALOG-SLG55021-200010 Datasheet
231Kb / 8P
GreenFETTM High Voltage Gate Driver
logo
Renesas Technology Corp
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
High Voltage Gate Driver
9-Feb-2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
340Kb / 9P
High Voltage Gate Driver
7-Jun-2023
logo
Dialog Semiconductor
SLG55021-200010V DIALOG-SLG55021-200010V Datasheet
146Kb / 8P
Controlled Load Discharge Rate
SLG55021-200010V DIALOG-SLG55021-200010V Datasheet
231Kb / 8P
GreenFETTM High Voltage Gate Driver
More results

Similar Description - SLG55321

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA1406T CALOGIC-CVA1406T Datasheet
49Kb / 3P
High Voltage Triple CRT Driver
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
High voltage gate driver IC
Revision 2.6, 05.08.2016
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
High voltage gate driver IC
Revision 2.2, 01.06.2016
logo
Dialog Semiconductor
SLG55221-120010 DIALOG-SLG55221-120010 Datasheet
253Kb / 9P
2 Rail GreenFETTM High Voltage Gate Driver
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
High voltage gate driver IC
Revision 1.0, 2013-07-26
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
Renesas Technology Corp
SLG5NT021-200000V RENESAS-SLG5NT021-200000V Datasheet
322Kb / 9P
High Voltage Gate Driver
February 9, 2022
SLG55022 RENESAS-SLG55022 Datasheet
346Kb / 10P
High Voltage Gate Driver
9-Feb-2022
SLG55221 RENESAS-SLG55221 Datasheet
334Kb / 10P
Dual Rail High Voltage Gate Driver
9-Feb-2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
High Voltage Gate Driver
9-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com