Electronic Components Datasheet Search
  English  ▼

X  

X40430 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X40430
Description  4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40430 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X40430 Datasheet HTML 7Page - Renesas Technology Corp X40430 Datasheet HTML 8Page - Renesas Technology Corp X40430 Datasheet HTML 9Page - Renesas Technology Corp X40430 Datasheet HTML 10Page - Renesas Technology Corp X40430 Datasheet HTML 11Page - Renesas Technology Corp X40430 Datasheet HTML 12Page - Renesas Technology Corp X40430 Datasheet HTML 13Page - Renesas Technology Corp X40430 Datasheet HTML 14Page - Renesas Technology Corp X40430 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
X40430, X40431, X40434, X40435
FN8251 Rev 1.00
Page 11 of 26
May 24, 2006
Once set, WEL remains set until either it is reset to 0 (by
writing a “0” to the WEL bit and zeroes to the other bits
of the control register) or until the part powers up again.
Writes to the WEL bit do not cause a high voltage write
cycle, so the device is ready for the next operation
immediately after the stop condition.
BP: Block Protect Bits (Nonvolatile)
The Block Protect Bit BP, determines which blocks of
the array are write protected. A write to a protected block
of memory is ignored. The block protect bit will prevent
write operations to half or none of the array.
PUP1, PUP0: Power-up Bits (Nonvolatile)
The Power-up bits, PUP1 and PUP0, determine the
tPURST time delay. The nominal power-up times are
shown in the following table.
WD1, WD0: Watchdog Timer Bits (Nonvolatile)
The bits WD1 and WD0 control the period of the Watch-
dog Timer. The options are shown below.
Writing to the Control Registers
Changing any of the nonvolatile bits of the control and
trickle registers requires the following steps:
– Write a 02H to the Control Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation preceded
by a start and ended with a stop).
– Write a 06H to the Control Register to set the Register
Write Enable Latch (RWEL) and the WEL bit. This is
also a volatile cycle. The zeros in the data byte are
required. (Operation proceeded by a start and ended
with a stop).
– Write one byte value to the Control Register that has all
the control bits set to the desired state. The Control regis-
ter can be represented as qxys 001r in binary, where xy
are the WD bits, s is the BP bit and qr are the power-up
bits. This operation proceeded by a start and ended with
a stop bit. Since this is a nonvolatile write cycle it will take
up to 10ms (max.) to complete. The RWEL bit is reset by
this cycle and the sequence must be repeated to change
the nonvolatile bits again. If bit 2 is set to ‘1’ in this third
step (qxys 011r) then the RWEL bit is set, but the WD1,
WD0, PUP1, PUP0, and BP bits remain unchanged.
Writing a second byte to the control register is not
allowed. Doing so aborts the write operation and returns
a NACK.
– A read operation occurring between any of the previ-
ous operations will not interrupt the register write oper-
ation.
– The RWEL bit cannot be reset without writing to the
nonvolatile control bits in the control register, power
cycling the device or attempting a write to a write pro-
tected block.
To illustrate, a sequence of writes to the device consist-
ing of [02H, 06H, 02H] will reset all of the nonvolatile bits
in the Control Register to 0. A sequence of [02H, 06H,
06H] will leave the nonvolatile bits unchanged and the
RWEL bit remains set.
Notes: 1. tPURST is set to 200ms as factory default.
2. Watch Dog Timer bits are shipped disabled.
FAULT DETECTION REGISTER
The Fault Detection Register (FDR) provides the user
the status of what causes the system reset active. The
Manual Reset Fail, Watchdog Timer Fail and Three Low
Voltage Fail bits are volatile
The FDR is accessed with a special preamble in the
slave byte (1011) and is located at address 0FFh. It can
only be modified by performing a byte write operation
directly to the address of the register and only one data
byte is allowed for each register write operation.
There is no need to set the WEL or RWEL in the control
register to access this FDR.
BP
Protected Addresses
(Size)
Memory Array
Lock
0
None
None
1
100h – 1FFh (256 bytes)
Upper Half of
Memory Array
PUP1 PUP0
Power-on Reset Delay (tPURST)
0
0
50ms
0
1
200ms (factory setting)
1
0
400ms
1
1
800ms
WD1
WD0
Watchdog Time Out Period
0
0
1.4 seconds
0
1
200 milliseconds
1
0
25 milliseconds
1
1
disabled (factory setting)
7
6543
2
1
0
LV1F LV2F LV3F WDF MRF
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com