Electronic Components Datasheet Search
  English  ▼

X  

X40430 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X40430
Description  4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40430 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X40430 Datasheet HTML 11Page - Renesas Technology Corp X40430 Datasheet HTML 12Page - Renesas Technology Corp X40430 Datasheet HTML 13Page - Renesas Technology Corp X40430 Datasheet HTML 14Page - Renesas Technology Corp X40430 Datasheet HTML 15Page - Renesas Technology Corp X40430 Datasheet HTML 16Page - Renesas Technology Corp X40430 Datasheet HTML 17Page - Renesas Technology Corp X40430 Datasheet HTML 18Page - Renesas Technology Corp X40430 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
X40430, X40431, X40434, X40435
FN8251 Rev 1.00
Page 15 of 26
May 24, 2006
Upon receipt of the Slave Address Byte with the R/W bit
set to one, the device issues an acknowledge and then
transmits the eight bits of the Data Byte. The master ter-
minates the read operation when it does not respond
with an acknowledge during the ninth clock and then
issues a stop condition. See figure 15 for the address,
acknowledge, and data transfer sequence.
Figure 13. Acknowledge Polling Sequence
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read oper-
ation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Random Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master must
first perform a “dummy” write operation. The master issues
the start condition and the Slave Address Byte, receives an
acknowledge, then issues the Word Address Bytes. After
acknowledging receipts of the Word Address Bytes, the
master immediately issues another start condition and the
Slave Address Byte with the R/W bit set to one. This is fol-
lowed by an acknowledge from the device and then by the
eight bit word. The master terminates the read operation by
not responding with an acknowledge and then issuing a
stop condition. See Figure 16 for the address, acknowl-
edge, and data transfer sequence.
A similar operation called “Set Current Address” where
the device will perform this operation if a stop is issued
instead of the second start is shown in Figure 15. The
device will go into standby mode after the stop and all
bus activity will be ignored until a start is detected. This
operation loads the new address into the address
counter. The next Current Address Read operation will
read from the newly loaded address. This operation
could be useful if the master knows the next address it
needs to read, but is not ready for the data.
Sequential Read
Sequential reads can be initiated as either a current
address read or random address read. The first Data Byte
is transmitted as with the other modes; however, the mas-
ter now responds with an acknowledge, indicating it
requires additional data. The device continues to output
data for each acknowledge received. The master termi-
nates the read operation by not responding with an
acknowledge and then issuing a stop condition.
The data output is sequential, with the data from address
n followed by the data from address n + 1. The address
counter for read operations increments through all page
and column addresses, allowing the entire memory con-
tents to be serially read during one operation. At the end
of the address space the counter “rolls over” to address
0000h and the device continues to output data for each
acknowledge received. See Figure 17 for the acknowl-
edge and data transfer sequence.
ACK
Returned?
Issue Slave Address
Byte (Read or Write)
Byte Load Completed
by Issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
High Voltage Cycle
Complete. Continue
Command Sequence?
Issue STOP
NO
Continue Normal
Read or Write
Command Sequence
PROCEED
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com