Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 27Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 28Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 29Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 30Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 31Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 32Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 33Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 34Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
31
January 27, 2016
4.7.7.
STATUS_WORD Command
The STATUS_WORD command returns a summary of the device status information in two data bytes.
STATUS_WORD (79HEX, read only)
Bits
Name
Description
[7:0]
STATUS_BYTE
See status byte (section 4.7.6).
[8]
UNKNOWN
Not supported
[9]
OTHER
Not supported
[10]
FANS
No supported
[11]
POWER_GOOD#
The POWER_GOOD signal, if present, is negated.
[12]
MFR
A manufacturer-specific fault or warning has occurred.
[13]
INPUT
An input related warning or fault has occurred.
[14]
IOUT/POUT
An output current or output power warning or fault has occurred.
[15]
VOUT
An output voltage related warning or fault has occurred.
4.7.8.
STATUS_VOUT Command
STATUS_VOUT (7AHEX, read only)
Bits
Name
Description
[0]
Not supported.
[1]
Not supported.
[2]
Not supported.
[3]
Not supported.
[4]
VOUT_UV_FLT
An output voltage under-voltage fault has occurred.
[5]
VOUT_UV_WARN
An output voltage under-voltage warning has occurred.
[6]
VOUT_OV_WARN
An output voltage over-voltage warning has occurred.
[7]
VOUT_OV_FLT
An output voltage over-voltage fault has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com