Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 22Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
19
January 27, 2016
3.3.6.
Pre-biased Start-up and Soft Stop
Dedicated pre-biased start-up logic ensures proper start-up of the power converter when the output capacitors are
pre-charged to a non-zero output voltage. Closed-loop stability is ensured during this phase.
The ZSPM2000 also supports pre-biased off, i.e. the output voltage is not ramped down to zero and instead
remains at a predefined level (VOFF_nom). This value can be configured via the Pink Power Designer™ graphical
user interface (GUI). After receiving the shutdown command, via PMBus™ or the CONTROL pin, the ZSPM2000
ramps down the value to the predefined value. Once the value is reached the MOSFET driver will be put into tri-
state mode. Both gate drive outputs will be pulled low in the tri-state mode.
Figure 3.3
Power Sequencing with Non-zero Off Voltage
3.3.7.
Current Sensing
The ZSPM2000 offers cycle-by-cycle average current sensing with configurable over-current protection. A dedi-
cated ADC is used to provide fast and accurate current information over the switching period. The acquired
information is compared with configurable current thresholds to report warning and error levels to the user. DCR
current sensing across the inductor or across a dedicated shunt resistor is supported. Additionally, the device
uses DCR temperature compensation via an external temperature sense element. This increases the accuracy of
the current sense method by counteracting the significant change of the DCR over temperature.
To acquire accurate current information, the selection of the current sensing circuit is of critical importance. The
schematic of the required current sensing circuitry is shown in Figure 3.4 for the widely-used DCR current-sensing
method, which uses the parasitic resistance of the inductor to acquire the current information. The principle is
based on a matched time-constant between the inductor and the low-pass filter comprising R7 and C8. The two
resistors R6 and R7 should be matched fairly well in order to provide good DC voltage rejection; .i.e. to reduce the
influence of the output voltage level in the current measurement.
t
tON_DELAY
tON_RISE
tON_MAX
tOFF_DELAY
tOFF_FALL
0 V
VONnom
tOFF_MAX
VOFFnom
Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com