Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4012 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSPM4012
Description  High Efficiency 2A Synchronous Buck Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4012 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSPM4012 Datasheet HTML 9Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 10Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 11Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 12Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 13Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 14Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 15Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 16Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ZSPM4012 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 15, 2016
Figure 3.2
Monitor and Control Logic Functionality
TSD
Filter
VCC-UV
Filter
Internal
POR
Filter
Filter
EN
VOUT-UV
Filter
PG
ENABLE
REGULATOR
VOUT-OV
Filter
IOCD
OCD_Filter
TRI-STATE
VSW OUTPUT
3.1.
Internal Protection Details
3.1.1.
Internal Current Limit
The current through the high side FET is sensed on a cycle-by-cycle basis, and if the current limit is reached, it will
abbreviate the cycle. In addition, the device senses the FB pin to identify hard short conditions and will direct the
VSW output to skip 4 cycles if the current limit occurs when FB is low. This allows current built up in the inductor
during the minimum on time to decay sufficiently. The current limit is always active when the regulator is enabled.
Soft start ensures that current limit does not prevent regulator startup.
An additional feature of the over-current protection circuitry is that under extended over-current conditions, the
device will automatically disable. A simple toggle of the EN enable pin will return the device to normal operation.
3.1.2.
Thermal Shutdown
If the temperature of the die exceeds 170°C (typical), the VSW outputs will tri-state to protect the device from
damage. The PG and all other protection circuitry will stay active to inform the system of the failure mode. Once
the ZSPM4012 cools to 160°C (typical), the device will attempt to start up again, following the normal soft start
sequence. If the device reaches 170°C, the shutdown/restart sequence will repeat.
3.1.3.
Reference Soft-Start
The reference in this device is ramped at a rate of 4ms to prevent the output from overshoot during startup. This
ramp restarts whenever there is a rising edge sensed on the EN pin. This occurs in both the fixed and adjustable
versions. During the soft start ramp, current limit is still active and still protects the device if the output is shorted.
3.1.4.
Output Over-Voltage
If the output of the regulator exceeds 103% of the regulation voltage, the VSW outputs will tri-state to protect the
ZSPM4012 from damage. This check occurs at the start of each switching cycle. If it occurs during the middle of a
cycle, the switching for that cycle will complete and the VSW outputs will tri-state at the start of the next cycle.
3.1.5.
VCC Under-Voltage Lockout
The ZSPM4012 is held in the off state until VCC reaches 5.75V (typical). There is hysteresis on this input (see
section 1.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com