Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4012 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSPM4012
Description  High Efficiency 2A Synchronous Buck Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4012 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSPM4012 Datasheet HTML 1Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 2Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 3Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 4Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 5Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 6Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 7Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 8Page - Renesas Technology Corp ZSPM4012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
High Efficiency 2A
Synchronous Buck Converter
ZSPM4012
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 15, 2016
Typical Applications
• Wireless access points,
cable modems
• Set-top boxes
• DVD, LCD, LED supplies
• Portable products,
including GPS, smart
phones, tablet PCs
• Printers
VCC
Over Current
Protection
Gate
Drive
Gate
Drive
Bootstrap
Voltage
VCC
Gate Drive
Control
FB
VSW
Vref
&
Soft Start
Oscillator
Ramp
Generator
Comparator
Error Amp
GND
Under-Voltage
Protection
MONITOR
&
CONTROL
Thermal
Protection
Over-Voltage
Protection
VCC
FB
VCC
VCC
BST
VOUT
S
EN
PGND
PG
CBST
COUT
LOUT
RTOP
RBOT
PFM Mode
Comparator
Vref
4.2V
Compensation
Network
ZSPM4012 Block Diagram
Ordering Information
Ordering Code
Description
Package
ZSPM4012AA1W00
ZSPM4012, 2A Synchronous Buck Converter: adjustable output, 0.9V to 5V,
16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012AA1W15
ZSPM4012, 2A Synchronous Buck Converter: fixed output, 1.5V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012AA1W18
ZSPM4012, 2A Synchronous Buck Converter: fixed output, 1.8V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012AA1W25
ZSPM4012, 2A Synchronous Buck Converter: fixed output, 2.5V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012AA1W33
ZSPM4012, 2A Synchronous Buck Converter: fixed output, 3.3V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012AA1W50
ZSPM4012, 2A Synchronous Buck Converter: fixed output, 5.0V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012KIT
ZSPM4012KIT, Evaluation Kit for 2A Synchronous Buck Converter
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com