Electronic Components Datasheet Search
  English  ▼

X  

U6239B Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button U6239B Datasheet HTML 6Page - TEMIC Semiconductors U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors U6239B Datasheet HTML 10Page - TEMIC Semiconductors U6239B Datasheet HTML 11Page - TEMIC Semiconductors U6239B Datasheet HTML 12Page - TEMIC Semiconductors U6239B Datasheet HTML 13Page - TEMIC Semiconductors U6239B Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
10 (15)
3-Wire Bus Description (continued)
Reference divider selection RD1, RD2, RDS:
RDS Voltage at
Pin 3
RD2
RD1
Reference
Divider Ratio
Frequency
Step Size*
Maximum Operating
Frequency*
0 to 10% VS or open
0 to 10% VS or open
0 to 10% VS or open
0 to 10% VS or open
0
0
1
1
0
1
0
1
280
50
500
100
228.57 kHz
1280 kHz
128 kHz
640 kHz
2.9 GHz
2.9 GHz
2.097 GHz
2.9 GHz
90 to 100% VS
90 to 100% VS
90 to 100% VS
90 to 100% VS
0
0
1
1
0
1
0
1
140
25
250
50
457.14 kHz
2560kHz
256 kHz
1280 kHz
2.9 GHz
2.9 GHz
2.9 GHz
2.9 GHz
* when a 4-MHz crystal is used
3-Wire Bus Pulse Diagram
P6
P4
SDA
MSB
14-bit scaling factor SF
SCL
ENABLE
P7
P5
LSB
RD1 RD2
4 Port bits/ 2 Ref.Div. bits
n13
n0
9611813
Figure 3.
n0 to n13
Scaling factor (SF)
SF = 8192
n13 + 4096
n12 + ... +2
n1 + n0
SF - Range: 256..16383
P4 to P7
Port outputs
P4 - P7 = 1: port active
RD1, RD2
Reference divider selection
see table above
3-Wire Bus Timing
TH
TS
TL
TT
LSB
Clock
Enable
Data
TSL
TC
9611880
Figure 4.
Parameters
Symbol
Min.
Max.
Unit
Setup time
TS
2
ms
Enable hold time
TSL
2
ms
Clock width
TC
2
ms
Enable setup time
TL
10
ms
Enable between two transmissions
TT
10
ms
Data hold time
TH
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com