Electronic Components Datasheet Search
  English  ▼

X  

U6239B Datasheet(PDF) 12 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 12 Page - TEMIC Semiconductors

Back Button U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors U6239B Datasheet HTML 10Page - TEMIC Semiconductors U6239B Datasheet HTML 11Page - TEMIC Semiconductors U6239B Datasheet HTML 12Page - TEMIC Semiconductors U6239B Datasheet HTML 13Page - TEMIC Semiconductors U6239B Datasheet HTML 14Page - TEMIC Semiconductors U6239B Datasheet HTML 15Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
12 (15)
Input/ Output Interface Circuits
1.5k
1.5k
Vref
RF1
RF2
9611853
Figure 6. RF input
2k
60
45k
PD
OS
(O/P Disable)
VD
9611854
Figure 7. Loop amplifier
Vs
Vref
Port
9611856
Figure 8. Ports P4, P5, P6, P7
AS / P3
Vref
Vs
ENABLE
12k
125k
375k
AMS
AMS
P3
9611857
Figure 9. Address select/ Enable input/ Port output P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com