Electronic Components Datasheet Search
  English  ▼

X  

LT6656 Datasheet(PDF) 20 Page - Analog Devices

Part # LT6656
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6656 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT6656 Datasheet HTML 16Page - Analog Devices LT6656 Datasheet HTML 17Page - Analog Devices LT6656 Datasheet HTML 18Page - Analog Devices LT6656 Datasheet HTML 19Page - Analog Devices LT6656 Datasheet HTML 20Page - Analog Devices LT6656 Datasheet HTML 21Page - Analog Devices LT6656 Datasheet HTML 22Page - Analog Devices LT6656 Datasheet HTML 23Page - Analog Devices LT6656 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
THEORY OF OPERATION
analog.com
Rev. A | 20 of 26
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime, or between
calibration procedures, is dependent on the long-term stability of
the analog components in its path, such as op amps, references,
and data converters. To help system designers predict the long-
term drift of the circuits that use the ADR3625\ADR3630\ADR3650,
Analog Devices measured the output voltage of multiple units for
more than 3500 hours using a high precision measurement system,
including an ultrastable oil bath. To replicate the real-world system
performance, the devices under test (DUTs) were soldered onto an
FR4 PCB using a standard reflow profile (as defined in the JEDEC
J-STD-020D standard), rather than testing them in sockets. This
manner of testing is important because expansion and contraction
of the PCB can apply stress to the IC package and contribute to
shifts in the offset voltage.
Note that early life drift (0 hours to 250 hours) accounts for 50%
of the total drift observed over 3500 hours, as shown in Figure 63.
The first 1000 hours account for the 80% of the total drift, and the
remaining 2500 hours account for the remaining 20% of the drift.
Thus, the early life drift is the dominant contributor, whereas the
drift after 1000 hours is significantly lower.
Figure 63. Long-Term Drift
THERMAL HYSTERESIS
In addition to stability over time, as described in the Long-Term
Drift section, it is useful to know the thermal hysteresis, that is, the
stability vs. cycling of temperature. Thermal hysteresis is an impor-
tant parameter because it tells the system designer how closely the
signal returns to its starting amplitude after the ambient temperature
changes and the subsequent return to room temperature. Figure 64
shows the change in output voltage as the temperature cycles four
times from room temperature to +125°C to −40°C and back to room
temperature.
Other than the first full cycle, the output hysteresis is typically
−7 ppm. The histogram in Figure 65 shows that the hysteresis
is larger when the device cycles through only a half cycle, from
room temperature to 125°C and back to room temperature, typically
15 ppm.
Figure 64. Change in Output Voltage over Four Full Temperature Cycle
Figure 65. Output Voltage Hysteresis Histogram (−40°C to +125°C)
POWER CYCLE HYSTERESIS
By power cycling large numbers of samples, the power cycle hyste-
resis can be determined. To keep this measurement independent of
other variables and environmental effects, the power cycle testing
was performed using a high precision measurement system, includ-
ing an ultrastable oil bath.
Figure 66 shows the power cycle hysteresis. The units were pow-
ered down for approximately four hours and then powered up.
The ADR3625\ADR3630\ADR3650 do not have any power cycle
hysteresis even after a long power-down period, making these devi-
ces suitable for equipment that must maintain calibration accuracy
between power cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com