Electronic Components Datasheet Search
  English  ▼

X  

LT6656 Datasheet(PDF) 23 Page - Analog Devices

Part # LT6656
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6656 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT6656 Datasheet HTML 18Page - Analog Devices LT6656 Datasheet HTML 19Page - Analog Devices LT6656 Datasheet HTML 20Page - Analog Devices LT6656 Datasheet HTML 21Page - Analog Devices LT6656 Datasheet HTML 22Page - Analog Devices LT6656 Datasheet HTML 23Page - Analog Devices LT6656 Datasheet HTML 24Page - Analog Devices LT6656 Datasheet HTML 25Page - Analog Devices LT6656 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
APPLICATIONS INFORMATION
analog.com
Rev. A | 23 of 26
SETTLING TIME
The ADR3625\ADR3630\ADR3650 can take up to 16 V supply,
source 50 mA, and sink 10 mA. The output settling time is de-
pendent upon the output capacitance and load current. Figure 71
through Figure 74 show the transient response of the ADR3625
example at different conditions.
Figure 71. ADR3625 10 mA Sourcing Response
Figure 72. ADR3625 10 mA Sinking Response
Figure 73. ADR3625 50 mA Sourcing Response
Figure 74. ADR3625 Output Response with a 500 mV Step on VIN
ENABLE PIN
The ENABLE pin is compatible with 1.8 V thresholds and has an
internal active pull-up. When powered down, the supply current is
only 1.5 µA typical.
There is no diode connected between the ENABLE pin and VIN.
The ENABLE pin can be driven high when VIN is low without
drawing current or powering the device through the ENABLE pin as
can happen with other references.
PCB LAYOUT
The mechanical stress of soldering a surface-mount voltage refer-
ence to a PCB can cause the output voltage to shift and the
temperature coefficient to change. These two changes are not
correlated. For example, the voltage may shift but the temperature
coefficient may not.
To reduce the effects of the stress-related shifts, mount the refer-
ence near the short edge of the PCB or in a corner. In addition,
slots can be cut into the PCB on two sides of the device. For more
information, see Application Note AN82.
Connect the output capacitor close to the VOUT FORCE pin. For
good load regulation, connect the VOUT SENSE pin directly at the
load, as shown in Figure 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com