Electronic Components Datasheet Search
  English  ▼

X  

MAX25263AFOC/VY Datasheet(PDF) 18 Page - Analog Devices

Part # MAX25263AFOC/VY
Description  Automotive, 65V 2A/3A Mini Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25263AFOC/VY Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX25263AFOC/VY Datasheet HTML 12Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 13Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 14Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 15Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 16Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 17Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 18Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 19Page - Analog Devices MAX25263AFOC/VY Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MAX25262/MAX25263
Automotive, 65V 2A/3A Mini Buck Converter
www.analog.com
Analog Devices | 18
Note: Do not separate or isolate PGND and GND connections with separate planes or areas.
•
Place the feedback resistor divider (if used) near the IC and route the feedback and OUT connections away
from the inductor and LX node and other noisy signals.
Figure 2. Simplified Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com